PCC-OST-K-R
AI

The **PCC-OST-K-R** is a specific type of thermocouple connector manufactured by **Omega Engineering**. It is designed for circuit board mounting, allowing for easy connection between temperature sensors and electronic control systems.
---
## 1. Part Number Breakdown
Understanding the nomenclature helps identify the electronic specifications of the component:
| Code | Meaning | Description |
| :--- | :--- | :--- |
| **PCC** | Printed Circuit Board Connector | Designed specifically for PCB through-hole mounting. |
| **OST** | Standard Size | Fits standard (not miniature) thermocouple plugs. |
| **K** | Type K Calibration | Color-coded Yellow; uses Chromel/Alumel materials. |
| **R** | Retaining Clip | Includes a metal clip for secure mounting to the PCB. |
---
## 2. Key Electronic Features
### A. Material Compensation
Unlike standard electrical connectors made of copper, the internal pins of the **PCC-OST-K-R** are made of actual **Type K thermocouple alloys** (Chromel and Alumel). This is critical because:
* It prevents the introduction of "cold junction" errors at the connection point.
* It maintains the integrity of the millivolt signal from the sensor to the amplifier.
### B. Mounting and Connectivity
* **Pins:** These connectors feature two horizontal pins designed to be soldered directly into a PCB.
* **Transistor Retainer:** The "R" designation includes a small metal clip. This clip acts as a mechanical brace to ensure the connector does not snap off the board when the user plugs or unplugs the thermocouple sensor.
* **Polarity:** The pins are polarized (one wider than the other) to ensure the thermocouple is connected with the correct polarity, preventing inverted temperature readings.
---
## 3. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Thermocouple Type** | K (Chromel/Alumel) |
| **Max Temperature** | 220°C (425°F) |
| **Body Material** | Glass-filled Nylon |
| **Color Code** | Yellow (ANSI Standard) |
| **Mounting Type** | Horizontal Through-hole PCB |
---
## 4. Typical Application Circuit
When using this part in an electronic design, it is typically followed by a specialized IC to process the low-voltage signal.
```mermaid
graph LR
A[Type K Probe] --> B(PCC-OST-K-R Connector)
B --> C[Cold Junction Compensation IC]
C --> D[Microcontroller/MCU]
```
**Common ICs paired with this part:**
* **MAX31855:** Cold-junction compensated K-thermocouple to digital converter.
* **AD8495:** Precision thermocouple amplifier with PWM/Analog output.
---
- ⤷
What are the PCB footprint dimensions for the PCC-OST-K-R?
- ⤷ Can this connector be used with Type J thermocouples if the polarity is correct?
- ⤷ How does the 'R' retaining clip attach to the PCB?