công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PBYR725D

  • AI
    ## Technical Overview: PBYR725D The **PBYR725D** is a high-performance **Schottky Rectifier Diode** typically housed in a surface-mount package (like DPAK/TO-252). It is designed for high-frequency switching and low power loss applications. --- ### 1. Key Technical Specifications The electrical characteristics define how the component behaves under load. | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 25 | V | | **Average Forward Current** | $I_{F(AV)}$ | 7.5 | A | | **Forward Voltage Drop** (at 7.5A) | $V_F$ | ~0.48 | V | | **Reverse Recovery Time** | $t_{rr}$ | Ultra-fast | ns | | **Operating Junction Temperature** | $T_j$ | -65 to 150 | °C | --- ### 2. Core Functional Features * **Low Forward Voltage Drop ($V_F$):** Due to the Schottky barrier, it has a much lower voltage drop compared to standard silicon diodes, leading to higher efficiency. * **Fast Switching Speed:** Since it is a unipolar device (majority carrier conduction), there is negligible reverse recovery charge ($Q_{rr}$), making it ideal for high-speed circuits. * **Guard Ring Protection:** Most parts in this series include an internal guard ring for stress protection and long-term reliability against overvoltage. --- ### 3. Pinout and Internal Structure The PBYR725D is usually a **Dual Diode** (Common Cathode) or a high-current single diode depending on the specific sub-variant suffix, but the standard "D" variant typically follows this DPAK layout: 1. **Pin 1:** Anode 1 2. **Pin 2/Tab:** Cathode (Common) 3. **Pin 3:** Anode 2 --- ### 4. Common Applications Because of its high current capacity and low losses, it is frequently found in: * **Switched Mode Power Supplies (SMPS):** Used for output rectification. * **DC-DC Converters:** Acting as a "freewheeling" diode. * **Battery Protection:** Preventing reverse polarity in portable devices. * **Solar Panels:** Used as a bypass diode to prevent backflow. --- ### 5. Identification Code Example When looking at the physical part, you might see markings like this: ```text Device: PBYR725D P = Philips/NXP (Original Manufacturer) BYR = Schottky Rectifier Family 7 = Current Rating (Approx 7.5A) 25 = Voltage Rating (25V) D = Package Style (DPAK/TO-252) ```
    ✨ Follow-up Questions
    • ⤷ What is the main advantage of using a Schottky diode like the PBYR725D over a standard PN-junction diode?
    • ⤷ Can this diode be used in high-voltage AC rectification circuits?
    • ⤷ What are the common replacement or equivalent parts for the PBYR725D?