công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PBYR2080CTB

  • AI
    ## Overview of PBYR2080CTB The **PBYR2080CTB** is a high-performance **Schottky Barrier Rectifier** diode. It is designed for high-frequency switching and low-power loss applications. This component is typically housed in a surface-mount package (D2PAK), making it ideal for automated assembly. --- ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Configuration** | Dual / Common Cathode | Two diodes sharing a center pin | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 80 V | Maximum voltage it can block | | **Average Rectified Forward Current ($I_{F(AV)}$)** | 20 A | 10A per diode (20A total) | | **Forward Voltage Drop ($V_F$)** | ~0.7 V | Low voltage drop for high efficiency | | **Operating Junction Temperature ($T_j$)** | Up to 150°C | Thermal limit for safe operation | | **Package Type** | SOT404 (D2PAK) | Surface mount power package | --- ### 2. Internal Structure and Pinout The PBYR2080CTB features a **Common Cathode** configuration. This means the two internal diodes are connected at their cathode (negative) side, which is also connected to the mounting base (tab) for heat dissipation. * **Pin 1:** Anode 1 * **Pin 2 (Tab):** Cathode (Common) * **Pin 3:** Anode 2 --- ### 3. Principal Features * **Schottky Technology:** Utilizes a metal-to-silicon junction to achieve ultra-fast switching speeds. * **Low Power Loss:** Because of the low forward voltage drop, it minimizes heat generation and maximizes power efficiency. * **Guard Ring:** Includes an internal guard ring for stress protection and long-term reliability against high voltage transients. * **High Surge Capacity:** Capable of handling significant momentary current surges without failure. --- ### 4. Common Applications Due to its speed and efficiency, the PBYR2080CTB is widely used in: 1. **Switch Mode Power Supplies (SMPS):** Used for output rectification. 2. **DC-to-DC Converters:** Acts as a freewheeling diode. 3. **Reverse Polarity Protection:** Protects sensitive circuits from battery reversal. 4. **OR-ing Diodes:** Used in redundant power supply systems. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a Schottky diode and a standard PN junction diode?
    • ⤷ How should the heat dissipation be managed for the PBYR2080CTB in a PCB design?
    • ⤷ Can this diode be used in AC-to-DC bridge rectifiers?