PBYR2040CTX
AI

## Technical Overview: PBYR2040CTX
The **PBYR2040CTX** is a high-performance **Schottky Barrier Diode** (Rectifier) housed in a plastic envelope. It is specifically designed for use in switched-mode power supplies (SMPS), free-wheeling diodes, and high-frequency rectification.
---
### 1. Key Technical Specifications
The PBYR2040CTX is a "dual-diode" or "common cathode" configuration, meaning it contains two diodes in a single package sharing a center pin.
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 | V |
| **Average Rectified Forward Current** | $I_{F(AV)}$ | 20 (10 per diode) | A |
| **Peak Non-Repetitive Surge Current** | $I_{FSM}$ | 120 | A |
| **Forward Voltage Drop** (at $I_F = 10A$) | $V_F$ | 0.55 - 0.60 | V |
| **Operating Junction Temperature** | $T_j$ | 150 | °C |
| **Package Type** | - | TO-220AB | - |
---
### 2. Internal Configuration
The device features a **Common Cathode** arrangement. In the standard TO-220AB package, the pinout is typically:
1. **Anode 1**: Connected to the first diode.
2. **Cathode (Common)**: The center pin and the mounting tab are connected to the cathodes of both diodes.
3. **Anode 2**: Connected to the second diode.
---
### 3. Features & Benefits
* **Low Forward Voltage Drop ($V_F$):** Reduces power loss and increases efficiency in power conversion.
* **Ultra-Fast Switching:** Schottky technology allows for negligible reverse recovery time, making it ideal for high-frequency applications.
* **Guard Ring Protection:** Includes internal circuitry to improve ruggedness and protect against transient over-voltages.
* **High Thermal Cycling Performance:** Designed for long-term reliability in environments with temperature fluctuations.
---
### 4. Typical Applications
* **SMPS Output Rectification:** Converting high-frequency AC to DC in computer or industrial power supplies.
* **OR-ing Diodes:** Used in redundant power supply systems to prevent backflow.
* **Free-wheeling Diodes:** Protecting transistors from inductive spikes in motor control or relay circuits.
* **Polarity Protection:** High-current battery charging circuits.
---
- ⤷
What are the alternative equivalent parts for PBYR2040CTX?
- ⤷ How does the forward voltage drop change with temperature in this diode?
- ⤷ Can this diode be used in a 48V power system?