công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PBYL3020CTB

  • AI
    ## Electronic Profile: PBYL3020CTB The **PBYL3020CTB** is a high-performance Schottky Barrier Rectifier diode. It is specifically designed for high-frequency applications where efficiency and low power loss are critical. It is commonly found in switch-mode power supplies (SMPS) and output rectification stages. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the PBYL3020CTB: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 20 | V | | **Average Forward Current** | $I_{F(AV)}$ | 30 | A | | **Forward Voltage Drop (at 15A)** | $V_F$ | 0.39 - 0.46 | V | | **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C | | **Package Type** | - | D2PAK (TO-263) | - | --- ### 2. Physical Structure & Configuration The PBYL3020CTB is a **Dual Diode** (Common Cathode) device. This means there are two diodes housed within a single package sharing a center pin. * **Pin 1:** Anode 1 * **Pin 2 / Tab:** Cathode (Common) * **Pin 3:** Anode 2 --- ### 3. Core Features * **Low Forward Voltage Drop ($V_F$):** Due to the Schottky barrier technology, it has a much lower voltage drop than standard silicon diodes, leading to lower heat dissipation. * **High Speed:** Virtually zero recovery time, making it ideal for ultra-fast switching. * **Guard Ring Protection:** Includes an internal guard ring for stress protection and long-term reliability. * **SMD Package:** The D2PAK is designed for surface mounting, facilitating high-density PCB layouts and automated assembly. --- ### 4. Typical Applications 1. **Switch Mode Power Supplies (SMPS):** Used for secondary side rectification. 2. **DC-to-DC Converters:** Acts as a freewheeling diode to maintain current flow when the switch is off. 3. **Reverse Polarity Protection:** Protects sensitive electronics from battery reversal in high-current circuits. 4. **Battery Charging:** Used in solar chargers or automotive power systems. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the PBYL3020CTB?
    • ⤷ How does the D2PAK package affect the thermal management of this diode?
    • ⤷ Why is a 20V rating considered low for certain power supply applications?