công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PAM3115BEC330

  • AI
    The **PAM3115BEC330** is a high-performance, low-dropout linear regulator (LDO) manufactured by Diodes Incorporated. It is specifically designed for applications requiring high stability, low noise, and fixed output voltages. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 3.3V (Fixed) | | **Max Output Current** | 1.5A | | **Input Voltage Range** | 2.5V to 5.5V | | **Dropout Voltage** | ~350mV @ 1.5A (Typical) | | **Package Type** | SOT-223 | | **Quiescent Current** | 60µA (Typical) | --- ### 2. Functional Description The device consists of several internal blocks that ensure efficient power delivery and protection of the circuit: * **Pass Element:** It uses a P-channel MOSFET as the pass element, which allows for very low dropout voltages compared to NPN-based regulators. * **Error Amplifier:** Monitors the output voltage against an internal voltage reference to adjust the gate of the MOSFET, maintaining a steady 3.3V. * **Protection Circuitry:** * **Current Limit:** Prevents the device from damage during an overload or short-circuit condition. * **Thermal Shutdown:** Shuts down the regulator if the junction temperature exceeds safe limits (typically around 150°C). --- ### 3. Application Circuit Components To use the PAM3115BEC330 correctly, the following external components are typically required: 1. **Input Capacitor ($C_{IN}$):** A $10\mu F$ ceramic capacitor is recommended to provide low impedance to the input supply and filter high-frequency noise. 2. **Output Capacitor ($C_{OUT}$):** A $10\mu F$ (or larger) ceramic capacitor is mandatory for stability. Because this LDO is designed for low ESR capacitors, ceramic types are preferred over tantalum or electrolytic. --- ### 4. Typical Applications * **Battery Powered Equipment:** Due to low quiescent current. * **Post-Regulators for Switching Supplies:** To remove high-frequency ripple. * **Motherboards/Graphic Cards:** Providing stable 3.3V rails for chipsets. * **Communication Devices:** Stable power for RF and logic circuits. ---
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance of the SOT-223 package for this part?
    • ⤷ Can this LDO be used with an input voltage higher than 5.5V?
    • ⤷ How does the dropout voltage change with a lower current load?