P9038-RNDGI
AI

## Overview of P9038-RNDGI
The **P9038-RNDGI** is a high-efficiency, single-chip wireless power transmitter IC manufactured by **Renesas Electronics** (formerly IDT). It is specifically designed for wireless charging applications compliant with the **Qi standard** (WPC 1.1).
---
### Core Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 4.5V to 6.9V (optimally 5V) |
| **Output Power** | Up to 5W (standard Qi) |
| **Package Type** | VFQFPN-40 (6.0 x 6.0 mm) |
| **Standard Compliance** | WPC 1.1 (Qi) |
| **Operating Temperature** | -40°C to +85°C |
---
### Key Internal Electronic Components
The P9038 is an integrated solution, meaning it combines several discrete functions into one silicon chip. Below are the primary internal modules:
#### 1. Integrated Full-Bridge Inverter
The chip contains four low-resistance MOSFETs configured as a **Full-Bridge Inverter**. These MOSFETs convert DC power from the input into an AC signal that drives the external resonant LC tank (coil and capacitors).
#### 2. Digital Control Logic
This acts as the "brain" of the transmitter. It manages:
* **Communication:** Decodes back-scattered packets from the receiver (P9025 or similar) to adjust power levels.
* **Frequency Control:** Adjusts the switching frequency (typically 110kHz to 205kHz) to regulate power transfer.
#### 3. Demodulator Circuitry
To communicate with the device being charged, the P9038 includes sensitive analog filters and a demodulator. It "listens" to the small voltage or current fluctuations caused by the receiver's load modulation.
#### 4. Protection Circuits
* **FOD (Foreign Object Detection):** Monitors power loss to detect metal objects (like coins or keys) between the coil and the phone to prevent overheating.
* **Over-Voltage/Current Protection:** Shuts down the system if electrical limits are exceeded.
---
### Typical Application Circuitry
To build a functional charger using the P9038, external passive components are required:
1. **Resonant Capacitors:** High-quality C0G/NP0 ceramic capacitors are used to form the resonant circuit with the coil.
2. **Transmit Coil:** A standard Qi-compliant inductor (e.g., A11 type).
3. **Power Input:** Usually a USB-C or Micro-USB port providing 5V.
```python
# Pseudo-representation of the P9038 State Machine
while power_applied:
if detect_receiver():
negotiate_power_contract()
while charging:
monitor_feedback()
adjust_frequency()
check_for_foreign_objects()
else:
enter_low_power_standby()
```
---
### Target Applications
* Wireless charging pads.
* Smartphone docking stations.
* Furniture-integrated chargers.
* PC peripherals (mouse pads with charging).
- ⤷What are the specific requirements for the external coil used with the P9038?
- ⤷ How does the Foreign Object Detection (FOD) mechanism work in this chip?
- ⤷ Can the P9038 be used for fast charging above 5W?