công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • P50A13D-R1B

  • AI
    ## Electronic Overview of P50A13D-R1B The **P50A13D-R1B** is a high-performance **AC/DC External Desktop Power Supply (Adapter)** manufactured by **Sanken** (specifically under their Power Systems division). It is widely used for industrial equipment, medical devices, and high-end consumer electronics that require stable DC power. --- ### 1. Key Technical Specifications The following table outlines the core electronic parameters of the P50A13D-R1B: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 100V – 240V AC (Universal) | | **Input Frequency** | 50 / 60 Hz | | **Output Voltage** | **+13.5V DC** | | **Output Current** | **3.7A** | | **Power Rating** | Approximately 50 Watts | | **Efficiency** | >85% (Typical for high-efficiency switching) | | **Connector Type** | Circular DIN or Barrel (Varies by sub-model) | --- ### 2. Internal Electronic Components & Architecture The device utilizes a **Switching Mode Power Supply (SMPS)** topology. Here are the primary electronic stages: #### A. Input Filtering and Rectification * **EMI Filter:** Includes X and Y capacitors and common-mode chokes to suppress electromagnetic interference. * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC voltage. #### B. Power Conversion (Primary Side) * **PWM Controller:** A Sanken-proprietary IC (Integrated Circuit) that regulates the switching frequency to maintain a steady output. * **Switching MOSFET:** A high-speed transistor that "chops" the DC voltage into high-frequency pulses for the transformer. #### C. Isolation and Regulation * **High-Frequency Transformer:** Provides galvanic isolation between the dangerous AC mains and the low-voltage DC output. * **Optocoupler:** Used in the feedback loop to safely send voltage status signals from the output side back to the primary controller without electrical contact. #### D. Output Rectification and Smoothing * **Schottky Diodes:** Used for secondary rectification due to their low forward voltage drop and fast switching speed. * **Electrolytic Capacitors:** Low ESR (Equivalent Series Resistance) capacitors that smooth the ripple to ensure "clean" DC power. --- ### 3. Protection Circuitry The "R1B" revision includes several robust safety layers: 1. **Over-Voltage Protection (OVP):** Shuts down the unit if the output exceeds approximately 110-120% of rated voltage. 2. **Over-Current Protection (OCP):** Limits the output current to prevent the internal components from overheating during a short circuit. 3. **Thermal Shutdown:** A thermal fuse or thermistor-based sensor that disables the unit if internal temperatures exceed safe limits. --- ### 4. Application and Pinout This specific 13.5V output is often used for: * Charging 12V Lead-Acid batteries (which require >13V to charge). * Powering telecommunications equipment. * Driving high-precision laboratory instruments. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific connector pinout for the R1B variant?
    • ⤷ Are there compatible alternative power supplies for the P50A13D series?
    • ⤷ How does the efficiency of this model compare to modern Level VI standards?