công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • P4C1023-55CWC

  • AI
    ## Technical Overview of P4C1023-55CWC The **P4C1023-55CWC** is a high-speed Static Random Access Memory (SRAM) chip. It belongs to the 1-Megabit (1Mb) family, typically organized as $128K \times 8$. These components were historically manufactured by **Performance Semiconductor** (often identified by the "P" prefix) and are designed for applications requiring fast data access and low power consumption without the need for refreshing (unlike DRAM). --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Memory Type** | SRAM (Static RAM) | | **Density** | 1 Megabit (1,024,768 bits) | | **Organization** | $128K \times 8$ bits | | **Speed (Access Time)** | 55 ns (Nanoseconds) | | **Voltage Supply** | 5.0V ± 10% | | **Package Type** | CWC (typically refers to Ceramic Windowed LCC or specialized DIP) | | **Temperature Range** | Commercial (0°C to +70°C) | --- ### Component Breakdown #### 1. Architecture As an SRAM, this device uses a 6-transistor (6T) cell design. This allows it to hold data as long as power is applied, eliminating the need for complex refresh circuitry. The $128K \times 8$ configuration means it has 17 address lines ($2^{17} = 131,072$) and 8 bi-directional data lines. #### 2. Performance (The "55" Suffix) The **-55** in the part number indicates a maximum address access time of **55 nanoseconds**. By modern standards, this is slow compared to DDR4/5, but for embedded systems, industrial controllers, and legacy computing, it is considered high-speed asynchronous memory. #### 3. Pin Functions The device typically operates using standard SRAM control logic: * **CE (Chip Enable):** Used to activate the device. When high, the chip enters a low-power standby mode. * **OE (Output Enable):** Controls the output drivers during a read cycle. * **WE (Write Enable):** When low, data on the I/O pins is written into the location specified by the address pins. --- ### Application Use Cases * **Buffer Memory:** Used in networking hardware for temporary data storage. * **Embedded Systems:** Ideal for microcontrollers that require more RAM than what is available on-chip. * **Legacy Maintenance:** Frequently found in older industrial machinery, medical equipment, or avionics that utilize 5V logic levels. --- ### Decoding the Part Number | Prefix/Suffix | Meaning | | :--- | :--- | | **P4C** | Performance Semiconductor CMOS technology | | **1023** | Specific model/series (1Mb density) | | **-55** | 55ns Access time | | **CWC** | Package/Grade code (Ceramic Leadless Chip Carrier or similar) |
    ✨ Follow-up Questions
    • ⤷ What are the modern pin-compatible alternatives for the P4C1023?
    • ⤷ How does the 'CWC' package impact thermal management compared to plastic packages?
    • ⤷ What is the typical power consumption in standby mode for this SRAM chip?