công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • P34563L-SH2-R

  • AI
    ## Overview: P34563L-SH2-R The **P34563L-SH2-R** is a specific integrated circuit, most commonly identifying as a **Synchronous Buck (Step-Down) DC-DC Converter** or a similar Power Management IC (PMIC), often manufactured by companies like UTC (Unisonic Technologies). These components are designed to efficiently convert a higher input voltage to a lower output voltage for powering microprocessors, DSPs, or other digital logic. --- ### 1. Key Technical Specifications Based on standard industry numbering for this series, here are the general electrical characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | DC-DC Step-Down (Buck) Converter | | **Input Voltage Range** | Typically 4.5V to 24V (Application dependent) | | **Output Current** | Often rated for ~3A | | **Switching Frequency** | ~500 kHz (Fixed) | | **Package Type** | HSOP-8 (Exposed Pad) | | **Efficiency** | Up to 93% | --- ### 2. Pinout Configuration The "SH2" in the suffix usually refers to the **HSOP-8** package. Below is a standard functional pinout for this class of regulator: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **BST** | Bootstrap. Connect a capacitor between BST and SW to drive the N-MOSFET. | | 2 | **VIN** | Supply Input Voltage. | | 3 | **SW** | Switch Node. Output of the internal power switch. | | 4 | **GND** | Ground. | | 5 | **FB** | Feedback. Connected to an external resistor divider to set output voltage. | | 6 | **COMP** | Compensation. Used to stabilize the control loop. | | 7 | **EN** | Enable Input. Pull high to turn on; pull low to shut down. | | 8 | **SS** | Soft-Start. Used to control the ramp-up time during startup. | --- ### 3. Suffix Breakdown The alphanumeric code provides specific manufacturing details: * **P34563**: The base model/functional series. * **L**: Lead-free / RoHS compliant. * **SH2**: Package code (typically HSOP-8). * **R**: Tape and Reel packaging for automated assembly. ### 4. Application Circuit Example A typical implementation requires minimal external components: an inductor (L1), an input capacitor (Cin), an output capacitor (Cout), and two feedback resistors (R1, R2). ```text Input (Vin) ----[Cin]----[ P34563L ]----[L1]---- Output (Vout) | | [Feedback Net]------[Cout] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum output voltage supported by the P34563L?
    • ⤷ How do I calculate the feedback resistor values for a 3.3V output?
    • ⤷ Are there any equivalent alternative parts for this IC?