công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • P1986G-S08-R

  • AI
    The **P1986G-S08-R** is a high-performance, low-dropout (LDO) linear regulator manufactured by UTC (Unisonic Technologies Co.). It is specifically designed for applications requiring high efficiency and stable voltage output with minimal external components. --- ### 1. General Specifications The following table summarizes the key electrical and physical characteristics of the P1986G-S08-R. | Parameter | Specification | |:---|:---| | **Component Type** | LDO Linear Regulator | | **Package Type** | SOP-8 | | **Output Type** | Fixed or Adjustable (Model dependent) | | **Max Output Current** | ~1.5A to 3A (Series specific) | | **Operating Voltage** | Up to 18V - 20V (Typical) | | **RoHS Status** | Halogen-free and Lead-free (indicated by 'G') | --- ### 2. Part Number Breakdown Understanding the suffix and prefix codes helps in identifying the specific variant: * **P1986**: The base part number for the power management IC. * **G**: Indicates that the device is **Halogen Free** and Green (Environmental standard). * **S08**: Refers to the **SOP-8** (Small Outline Package with 8 pins) physical footprint. * **R**: Indicates **Tape & Reel** packaging for automated assembly. --- ### 3. Key Electronic Features * **Low Dropout Voltage:** Operates efficiently even when the input voltage is only slightly higher than the desired output voltage. * **Internal Protection:** * **Thermal Shutdown:** Protects the IC from overheating by shutting down the output. * **Current Limiting:** Prevents damage during short circuits or over-current events. * **Stability:** Requires minimal external capacitance (usually Tantalum or Ceramic) for a stable loop response. --- ### 4. Pin Configuration (Typical SOP-8) While pinouts can vary slightly based on the specific datasheet revision, a standard P1986 SOP-8 layout generally follows this structure: | Pin Number | Function | Description | |:---:|:---|:---| | 1 | **VIN** | Unregulated Input Voltage | | 2, 3, 6, 7 | **VOUT** | Regulated Output Voltage (Multiple pins for heat dissipation) | | 4 | **ADJ / FB** | Adjust or Feedback pin to set/monitor voltage | | 5, 8 | **GND** | Ground reference | --- ### 5. Common Applications * Motherboards and Graphic Cards. * LCD Monitors and TVs. * Set-top boxes and networking equipment. * Microprocessor power supplies. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the SOP-8 package in this series?
    • ⤷ How does the 'G' suffix impact its soldering profile compared to standard parts?
    • ⤷ What are the recommended values for input and output capacitors for the P1986G?