công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • P1595G-AB5-R

  • AI
    The **P1595G-AB5-R** is an integrated circuit, specifically a **Low Dropout (LDO) Linear Regulator**. These components are essential in electronic design for converting a higher input voltage into a stable, lower output voltage with minimal noise and power loss. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications This part belongs to a family of high-performance regulators designed for low-voltage applications. | Parameter | Specification | | :--- | :--- | | **Component Type** | LDO (Low Dropout) Linear Regulator | | **Output Voltage** | Adjustable (Typically 0.8V to 5V) | | **Max Output Current** | 1.5 A | | **Dropout Voltage** | ~0.5V @ 1.5A (Typical) | | **Package Type** | SOT-89-5 / SOT-223 / TO-252 (Depends on suffix, AB5 is SOT-89-5) | | **Input Voltage Range** | 2.5V to 6V | | **Operating Temp** | -40°C to +125°C | --- ## 2. Key Features * **High Current Output:** Capable of delivering up to 1.5A, making it suitable for powering small microprocessors and high-speed memory. * **Low Dropout Voltage:** It can maintain a stable output even when the input voltage is only slightly higher than the output voltage. * **Fast Transient Response:** It reacts quickly to changes in load current, which is critical for digital circuits that switch between sleep and active modes. * **Built-in Protection:** * *Thermal Shutdown:* Prevents the chip from burning out if it gets too hot. * *Current Limiting:* Protects the IC and the power source during short circuits. --- ## 3. Pin Configuration (Typical SOT-89-5) The **AB5** suffix generally refers to the SOT-89-5 package layout. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **EN** | Enable pin (High = ON, Low = OFF) | | 2 | **VIN** | Input Supply Voltage | | 3 | **GND** | Ground | | 4 | **VOUT** | Regulated Output Voltage | | 5 | **ADJ / FB** | Feedback pin for setting the output voltage | --- ## 4. Typical Application Circuit To use this part, you typically need two external capacitors to ensure stability: ```text Input Voltage (VIN) ----[ C_IN (10uF) ]----( Pin 2 ) | [ P1595G-AB5-R ] | Output Voltage (VOUT) --[ C_OUT (10uF) ]---( Pin 4 ) ``` * **C_IN:** Filters noise from the power supply. * **C_OUT:** Essential for the stability of the LDO loop. Low ESR ceramic capacitors are recommended. --- ## 5. Part Number Decoding The suffix **-R** usually indicates the packaging format: * **P1595:** The series name (1.5A LDO). * **G:** Often stands for "Green" or Halogen-Free materials. * **AB5:** Indicates the physical package style (SOT-89-5). * **R:** Tape and Reel packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What is the formula to calculate the output voltage using the ADJ pin?
    • ⤷ What are the specific thermal management requirements for a 1.5A load?
    • ⤷ Can this LDO be used with an input voltage higher than 6V?