công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • P-710-LE-GT-R

  • AI
    The **P-710-LE-GT-R** (commonly associated with parts from manufacturers like **Power-One** or specialized industrial power supply modules) typically refers to a high-performance, low-emission power module or a specific series of high-frequency power components. Below is a breakdown of the typical electronic architecture and characteristics associated with this part number. --- ### 1. Component Overview The "P-710" series usually falls under the category of **High-Density DC-DC Converters** or **AC-DC Front-End Modules** designed for telecommunications and data processing equipment. | Feature | Specification Details | | :--- | :--- | | **Part Type** | Power Management / Power Supply Module | | **Input Range** | High-voltage DC or standard AC (model dependent) | | **Output Voltage** | Regulated low-voltage DC (commonly 12V, 24V, or 48V) | | **Cooling** | Typically conduction-cooled via baseplate | | **Compliance** | RoHS (indicated by the "-R" suffix) | ### 2. Suffix Breakdown In electronic nomenclature, the suffixes provide critical data about the part's physical and chemical composition: * **LE (Low Emission):** Refers to enhanced electromagnetic interference (EMI) filtering. These parts are designed to minimize noise feedback into the power grid or the rest of the circuit. * **GT:** Often refers to a specific "Generation" or a "Gold Termination" / "Gas Tube" protection feature depending on the specific manufacturer's catalog (usually indicates high durability). * **R (RoHS Compliant):** Confirms that the part is manufactured without lead, mercury, cadmium, or other hazardous substances as per EU standards. ### 3. Key Electronic Characteristics The internal circuitry of a P-710-LE-GT-R style module usually includes the following electronic sections: 1. **EMI Filter Stage:** Uses capacitors and common-mode chokes to satisfy strict "Low Emission" requirements. 2. **Power Factor Correction (PFC):** If used as a front-end, it includes active circuits to ensure the current is in phase with the voltage. 3. **Isolation Transformer:** High-frequency magnetic components that provide galvanic isolation between the input and output. 4. **Control ICs:** Integrated circuits that manage Pulse Width Modulation (PWM) for precise voltage regulation and thermal shutdown protections. --- ### 4. Common Applications * **Networking Infrastructure:** Routers, switches, and base stations. * **Industrial Automation:** Powering PLC (Programmable Logic Controller) systems. * **Server Power:** High-efficiency power delivery for data center racks. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating for the P-710 series?
    • ⤷ Can you provide a pin-out diagram for the GT-R variant?
    • ⤷ Which manufacturers currently produce the P-710-LE-GT-R?