công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • OT2-4-R

  • AI
    The **OT2-4-R** is a high-performance **Optical Isolation Transmitter** (also referred to as an Optical Isolator or Signal Conditioner). It is primarily used in industrial automation to protect sensitive control equipment from electrical noise, surges, and ground loops by converting electrical signals into optical pulses and back again. --- ### ## Technical Specifications Overview The following table outlines the typical electronic characteristics of the OT2-4-R series: | Component Feature | Specification Details | | :--- | :--- | | **Input Signal** | 4-20mA DC or 0-10V DC (Model dependent) | | **Output Signal** | Isolated 4-20mA or 0-10V DC | | **Isolation Voltage** | Up to 2500V AC / 1 minute | | **Response Time** | < 10ms | | **Accuracy** | ±0.1% Full Scale | | **Power Supply** | 24V DC (Standard) | | **Mounting** | 35mm DIN Rail | --- ### ## Core Electronic Components The internal circuitry of the OT2-4-R is comprised of three main functional blocks: #### 1. Input Modulation Circuit * **Precision Resistors:** Used to sample current signals (4-20mA) and convert them into a proportional voltage. * **Operational Amplifiers (Op-Amps):** Buffer the input signal to ensure high impedance and minimal signal loss. #### 2. Optical Isolation Barrier * **Optocoupler (Photocoupler):** This is the "heart" of the device. It consists of an **LED** and a **Phototransistor**. * The electrical input drives the LED. * The light travels across a physical gap to the Phototransistor. * This ensures there is **no physical wire connection** between the input and output, preventing high-voltage spikes from crossing over. #### 3. Output Demodulation & Filtering * **Voltage-to-Current Converter:** Converts the optical intensity back into a standard analog signal (e.g., 4-20mA). * **Low-Pass Filters:** Electronic filters (Capacitors and Inductors) remove high-frequency noise and ripples from the output signal to ensure a "clean" reading for PLCs or controllers. --- ### ## Key Features & Benefits * **Ground Loop Elimination:** By breaking the electrical path, it prevents current from flowing between different ground potentials. * **Signal Amplification:** Can be used to boost weak signals for long-distance transmission. * **Safety Barrier:** Acts as a fuse; in the event of a massive surge, the isolator may fail, but the expensive PLC/DCS connected to it remains protected. --- ### ## Wiring Example In a typical setup, the wiring logic follows this structure: ```mermaid [Sensor/Field Device] --> [OT2-4-R Input Pins] | (Optical Gap) | [OT2-4-R Output Pins] --> [PLC/Analog Input Card] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the OT2-4-R and a standard signal repeater?
    • ⤷ How do I troubleshoot an OT2-4-R if the output signal is zero?
    • ⤷ Can the OT2-4-R handle bipolar signals like -10V to +10V?