công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • OSMF25G18GP-R5MAS1C1A-D

  • AI
    The part number **OSMF25G18GP-R5MAS1C1A-D** refers to a highly specialized **Optical Sub-Assembly (OSA)** or a specific configuration of an Optical Transceiver module, typically used in high-speed fiber optic communications (like 25G Ethernet or Fiber Channel). Below is a breakdown of the electronic components and technical specifications associated with this type of component. --- ### 1. Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Data Rate** | 25 Gbps (Gigabits per second) | | **Wavelength** | Typically 1310nm (Standard for Single Mode) | | **Form Factor** | SFP28 (Small Form-factor Pluggable 28) | | **Connector Type** | LC Duplex | | **Distance Support** | Typically up to 10km (LR - Long Reach) | | **Interface Type** | Electrical: SERDES / Optical: Laser Diode | --- ### 2. Key Electronic Components High-speed optical modules like this one consist of several critical electronic sub-systems: #### A. Transmit Path (TOSA) * **Laser Diode:** The heart of the transmitter. In 25G modules, this is usually a **DFB (Distributed Feedback)** laser or an **EML (Electro-absorption Modulated Laser)**. * **Laser Driver:** An integrated circuit (IC) that converts the electrical data signal into the current required to modulate the laser. #### B. Receive Path (ROSA) * **Photodiode:** Usually a **PIN photodiode** or an **APD (Avalanche Photodiode)** that converts incoming light back into an electrical current. * **TIA (Transimpedance Amplifier):** A high-speed amplifier that converts the tiny current from the photodiode into a measurable voltage. #### C. Signal Processing & Management * **CDR (Clock and Data Recovery):** Vital for 25G speeds to "clean up" jitter and ensure the data signal is synchronized. * **MCU (Microcontroller):** Manages the **DDM (Digital Diagnostic Monitoring)** functions, allowing the host system to monitor temperature, voltage, and laser power in real-time. * **EEPROM:** Stores the identification data, vendor info, and serial numbers. --- ### 3. Application Use Cases 1. **5G Wireless Backhaul:** Connecting base stations to the core network. 2. **Data Center Switching:** High-density 25G leaf-spine architectures. 3. **Enterprise Networking:** Upgrading 10G links to 25G without changing existing single-mode fiber infrastructure. --- ### 4. Part Number Decoding (Typical) While naming conventions vary by manufacturer (such as Finisar, Molex, or Amphenol), the string generally breaks down as follows: * **25G:** Indicates the 25.78 Gbps operating speed. * **18/13:** Often refers to the operating wavelength or power class. * **GP:** Usually stands for "General Purpose" or a specific protocol profile. * **R5/MAS:** Internal manufacturer codes for revision, hardware version, or reach (e.g., 500m vs 10km). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption of this 25G module?
    • ⤷ Does this part support Digital Diagnostic Monitoring (DDM)?
    • ⤷ What is the compatible fiber type for this specific assembly?