công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • OR2-E-R/

  • AI
    The **OR2-E-R** is a high-performance **Optical Receiver** module, typically used in Fiber-to-the-Home (FTTH) and Cable TV (CATV) networks. Its primary function is to convert optical signals (light) back into electrical Radio Frequency (RF) signals. --- ### 1. Core Technical Specifications The "OR2-E-R" designation usually refers to an economy or compact-range receiver with specific power handling capabilities. | Parameter | Typical Specification | | :--- | :--- | | **Optical Input Power** | -15 dBm to +2 dBm | | **Optical Return Loss** | > 45 dB | | **Optical Wavelength** | 1100nm ~ 1600nm | | **RF Frequency Range** | 45 MHz ~ 1000 MHz (1 GHz) | | **Output Level** | ≥ 80 dBµV (at -2dBm input) | | **Connector Type** | SC/APC (Optical) & F-Type (RF) | --- ### 2. Key Internal Components The functionality of the OR2-E-R relies on several critical electronic stages: * **Photodiode (InGaAs):** The "heart" of the device. It detects the incoming light pulses and generates a proportional electrical current. * **Low-Noise Gallium Arsenide (GaAs) Amplifier:** Since the signal from the photodiode is weak, a GaAs push-pull amplifier chip is used to boost the RF signal while keeping noise to a minimum. * **Automatic Gain Control (AGC) Circuit:** This maintains a stable RF output level even if the input optical power fluctuates. * **Voltage Regulator:** Ensures the internal chips receive a steady DC voltage (usually 5V or 12V) regardless of external power spikes. --- ### 3. Features & Benefits * **Plug-and-Play:** Designed for easy installation in residential environments without complex configuration. * **Power Consumption:** Extremely low, often under 2 Watts. * **LED Indicators:** Usually features a Tri-color LED to show optical power status: * **Green:** Good signal. * **Orange:** Weak signal. * **Red:** No signal or too high. --- ### 4. Typical Application Diagram ```mermaid graph LR A[Fiber Optic Line] -->|Light Signal| B(OR2-E-R Receiver) B -->|Conversion & Amp| C[RF Output] C --> D[TV Set / Set-Top Box] ```
    ✨ Follow-up Questions
    • ⤷What is the difference between an active and a passive optical receiver?
    • ⤷ How does the AGC range affect signal stability in this module?
    • ⤷ Can the OR2-E-R handle return path signals for internet upstream?