OP196
AI

## Overview of the OP196 Operational Amplifier
The **OP196** is a high-performance, precision operational amplifier manufactured by Analog Devices. It belongs to a family of "Over-the-Top" rail-to-rail input and output amplifiers, known for their robustness and efficiency in low-power applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Supply Voltage Range** | 3V to 12V (Single Supply) |
| **Quiescent Current** | ~45 $\mu$A per amplifier |
| **Input Offset Voltage** | 300 $\mu$V (typical) |
| **Input Bias Current** | 10 nA |
| **Gain Bandwidth Product** | 350 kHz |
| **Slew Rate** | 0.1 V/$\mu$s |
| **Output Type** | Rail-to-Rail |
---
### 2. Core Features
* **Rail-to-Rail Input/Output:** Unlike standard op-amps, the OP196 can handle input and output signals that swing all the way to the positive and negative supply rails.
* **Micropower Operation:** With a very low current consumption of approximately 45 $\mu$A, it is ideal for battery-operated devices.
* **"Over-the-Top" Capability:** This is a unique feature where the inputs can safely exceed the positive supply voltage by up to 15V without damaging the part or causing phase reversal.
* **Unity-Gain Stable:** It remains stable even when configured for a gain of 1.
---
### 3. Pin Configuration (8-Lead SOIC/MSOP)
The OP196 typically follows the standard single op-amp pinout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1, 5, 8 | NC | No Internal Connection |
| 2 | -IN | Inverting Input |
| 3 | +IN | Non-inverting Input |
| 4 | V- | Negative Supply (or Ground) |
| 6 | OUT | Amplifier Output |
| 7 | V+ | Positive Supply |
---
### 4. Common Applications
* **Battery Monitoring:** Due to the low current draw and "Over-the-Top" input feature.
* **Sensor Interfaces:** Amplifying signals from thermocouples or bridge sensors in industrial environments.
* **Portable Instrumentation:** Used in handheld medical devices or field testing equipment.
* **Low-Side/High-Side Current Sensing:** Its ability to handle inputs near or above the rail makes it perfect for sensing current across a shunt resistor.
---
### 5. Implementation Example
Here is a simple representation of a non-inverting buffer configuration for the OP196:
```python
# Conceptual connection for a Unity Gain Buffer
# Input Signal -> Pin 3 (+IN)
# Feedback Loop -> Pin 6 (OUT) connected directly to Pin 2 (-IN)
# V+ (Pin 7) -> 5V DC
# V- (Pin 4) -> Ground
```
---
- ⤷What is the difference between the OP196
- ⤷ OP296
- ⤷ and OP496?
- ⤷ Can the OP196 handle negative input voltages if powered by a single supply?
- ⤷ How does the 'Over-the-Top' feature protect the circuit during power-down?