OBT15-R3-E2
AI

The **OBT15-R3-E2** is a high-performance subminiature photoelectric sensor manufactured by Pepperl+Fuchs. It operates on the **diffuse mode** principle, meaning it detects objects by reflecting light directly off the target back to the sensor.
---
### Technical Specifications
Below are the primary electronic and operational characteristics:
| Feature | Specification |
| :--- | :--- |
| **Detection Range** | 0 to 15 mm |
| **Operating Voltage** | 10 ... 30 V DC |
| **Output Type** | 1 PNP output, short-circuit protected, reverse polarity protected, open collector |
| **Switching Type** | NO (Normally Open) / Light-ON |
| **Switching Frequency** | approx. 1 kHz |
| **No-load Supply Current** | < 10 mA |
| **Light Source** | LED (modulated visible red light, 630 nm) |
---
### Key Electronic Components & Functions
#### 1. The Optical System
* **Transmitter:** Uses a visible red LED. The modulation of the light ensures the sensor can distinguish its own signal from ambient light interference.
* **Receiver:** A sensitive photodiode that detects the intensity of reflected light.
#### 2. Output Configuration (E2 Type)
The "E2" suffix designates the specific output stage:
* **PNP Logic:** When an object is detected, the sensor connects the output load to the positive supply voltage ($V+_{cc}$).
* **Light-ON (NO):** The output is active (High) when the receiver "sees" the reflected light from a target.
#### 3. Protection Circuitry
The device includes integrated electronic protection to prevent damage during installation or fault conditions:
* **Reverse Polarity Protection:** Prevents damage if the power supply wires are swapped.
* **Short-Circuit Protection:** Protects the internal PNP transistor if the output is accidentally grounded or overloaded.
---
### Wiring Diagram (Typical)
The sensor uses a standard 3-wire color code:
```text
[ Brown ] ---- (+) 10-30V DC
[ Blue ] ---- (-) 0V / Ground
[ Black ] ---- (S) Output (PNP / Load)
```
---
### Mechanical & Environmental Interface
* **Housing:** Ultra-small R3 series design, ideal for tight spaces in robotic arms or precision machinery.
* **Connection:** Usually comes with a fixed cable or a M8 metallic connector (depending on the specific sub-model).
* **Status Indicator:** Equipped with a yellow LED to indicate switching state (ON/OFF).
- ⤷
What is the difference between the E2 (PNP) and E0 (NPN) versions of this sensor?
- ⤷ How does the sensing range change based on the color or material of the target?
- ⤷ Can this sensor be used in high-moisture environments (IP rating)?