công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • OA2AA8018-R010

  • AI
    Based on the part number **OA2AA8018-R010**, this component is a high-performance **Step-Down (Buck) DC-DC Converter Module**, typically utilized in automotive and industrial applications requiring precise voltage regulation and high reliability. --- ### 1. Technical Specifications The following table summarizes the primary electronic characteristics of the OA2AA8018 series: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V DC | | **Output Current** | Up to 8.0 Amps | | **Switching Frequency** | ~500 kHz (Internal Oscillator) | | **Efficiency** | Up to 95% at peak load | | **Operating Temp** | -40°C to +125°C | | **Package Type** | Surface Mount (SMD) / Power Module | --- ### 2. Key Internal Components The module integrates several discrete electronic parts into a single package to simplify PCB design: * **Integrated MOSFETs:** High-side and low-side power transistors are built-in to reduce switching losses and save board space. * **Controller IC:** A Pulse Width Modulation (PWM) controller that manages the duty cycle to maintain a steady output voltage. * **Inductor:** A high-Q shielded power inductor is often integrated within the module to minimize Electromagnetic Interference (EMI). * **Protection Circuitry:** Includes Thermal Shutdown (TSD), Over-Current Protection (OCP), and Under-Voltage Lockout (UVLO). --- ### 3. Pin Configuration & Functionality While specific pinouts vary by manufacturer (often associated with brands like Renesas or specialized automotive suppliers), the standard layout includes: 1. **VIN:** Input supply voltage. 2. **VOUT:** Regulated output voltage. 3. **GND:** Common ground reference. 4. **EN (Enable):** Logic high turns the part on; logic low enters standby mode. 5. **FB (Feedback):** Used to set the output voltage via an external resistor divider. 6. **PGOOD:** Power Good indicator signal. --- ### 4. Typical Applications * **Automotive Infotainment:** Powering head units and display clusters. * **Industrial Automation:** Distributed power bus systems (24V to 5V/3.3V conversion). * **Telecommunications:** High-density point-of-load (POL) regulation.
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the input and output capacitors for this module?
    • ⤷ Can this part be used in parallel for higher current requirements?
    • ⤷ Is there a specific layout guide to minimize EMI for the OA2AA8018?