công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • NWWSNWWS3JB1R00

  • AI
    The part number **NWWS3JB1R00** refers to a specific type of **Wirewound Resistor** manufactured by **Stackpole Electronics**. It belongs to the **NWWS** series, which is characterized by being a miniature, non-inductive wirewound resistor. Below is a detailed breakdown of its electronic specifications and characteristics: --- ## 1. Part Number Breakdown Understanding the alphanumeric code helps identify its specific properties: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | `NWWS` | Non-inductive, Miniature Wirewound Resistor | | **Size/Power** | `3` | 3 Watt Power Rating | | **Tolerance** | `J` | ±5% Resistance Tolerance | | **Packaging** | `B` | Bulk Packaging | | **Resistance** | `1R00` | 1.00 $\Omega$ (Ohm) | --- ## 2. Technical Specifications This component is designed for power applications where high reliability and stable performance are required. * **Resistance Value:** 1.00 $\Omega$ * **Power Rating:** 3 Watts at 70°C (Miniature size allows for high power density). * **Tolerance:** ±5% (Standard for power resistors). * **Temperature Coefficient (TCR):** Typically ±20 ppm/°C to ±50 ppm/°C (Very stable across temperatures). * **Inductance:** **Non-Inductive**. This is achieved using an **Aryton-Perry winding**, which cancels out the inherent inductance found in standard wirewound resistors. * **Operating Temperature Range:** -55°C to +275°C. --- ## 3. Key Electronic Characteristics ### Non-Inductive Property Standard wirewound resistors act like inductors at high frequencies. Because the `NWWS` series uses a specialized winding technique, it can be used in circuits where high-speed switching or high-frequency signals are present without causing significant phase shifts or signal distortion. ### Thermal Management The core is typically made of high-purity ceramic (Alumina), which provides excellent heat dissipation. The coating is a flameproof silicone protection, ensuring the component does not catch fire under extreme overload conditions. --- ## 4. Typical Applications Due to its 3W power rating and non-inductive nature, this part is commonly used in: 1. **Audio Equipment:** Performance in high-end crossovers where signal purity is vital. 2. **Switching Power Supplies (SMPS):** Snubber circuits and current sensing. 3. **RF Applications:** Where inductance must be minimized. 4. **Pulse Handling:** Wirewound construction is superior to film resistors for absorbing short-duration high-energy pulses.
    ✨ Follow-up Questions
    • ⤷What is the difference between Ayrton-Perry winding and standard winding?
    • ⤷ Does this resistor require heat sinking for its 3W rating?
    • ⤷ Can this resistor be used for high-accuracy current sensing?