NUC-RPLP-70P
AI

The **NUC-RPLP-70P** is a high-performance industrial motherboard (SBC) designed by ASUS under their **NUC (Next Unit of Computing)** product line. It is based on the **Intel® Raptor Lake-P** (13th Gen) architecture.
Below is a breakdown of its core electronic components and technical specifications.
---
## 1. Core Processing & Architecture
The "70P" designation typically refers to the integration of an **Intel® Core™ i7-1370P** processor.
| Component | Specification |
| :--- | :--- |
| **CPU** | Intel® Core™ i7-1370P (14 Cores / 20 Threads) |
| **Frequency** | Up to 5.20 GHz (Turbo) |
| **Graphics** | Integrated Intel® Iris® Xe Graphics |
| **TDP** | 28W (Base) - 64W (Max Turbo) |
---
## 2. Memory and Storage Interface
The board utilizes high-speed interfaces to handle data throughput for AI and industrial automation tasks.
* **RAM:** 2x SO-DIMM slots supporting **DDR5-5200MHz** (up to 64GB).
* **M.2 Storage:**
* 1x M.2 2280 Key M (PCIe Gen4 x4) for NVMe SSDs.
* 1x M.2 2242 Key B (SATA/PCIe x1/USB 3.2) for additional storage or LTE modules.
---
## 3. Connectivity & I/O Layout
The NUC-RPLP-70P is designed for multi-display setups and high-speed networking.
### Networking
* **Ethernet:** Dual-LAN configuration. Usually includes 1x **Intel® i226-LM** (2.5GbE) and 1x **Intel® i226-V** (2.5GbE).
* **Wireless:** 1x M.2 2230 Key E slot for Wi-Fi 6E / Bluetooth modules.
### Video Output
* **HDMI:** 2x HDMI 2.1b ports.
* **DisplayPort:** 2x DP 1.4a (via Thunderbolt/USB-C).
* **Capability:** Supports up to four simultaneous 4K displays.
### Peripheral Ports
| Port Type | Quantity | Version |
| :--- | :--- | :--- |
| **USB-A** | 3 | USB 3.2 Gen 2 |
| **USB-C** | 2 | Thunderbolt 4 / USB4 |
| **Serial** | 1 | RS232/422/485 (via internal header) |
---
## 4. Power and Environmental
Designed for stability in non-consumer environments.
* **Power Input:** 12V to 20V DC-in (Wide range).
* **Internal Headers:** Includes GPIO, SMBus, and LVDS/eDP for flat-panel integration.
* **Management:** Supports Intel vPro® Technology for remote management and hardware-level security.
---
## 5. Summary Table
| Feature | Details |
| :--- | :--- |
| **Form Factor** | 4" x 4" (NUC Board) |
| **TPM** | Firmware TPM (fTPM) or Hardware TPM 2.0 IC |
| **Cooling** | Active fan-sink usually required (4-pin PWM header) |
| **Operating Temp** | 0°C to 60°C (Standard environmental rating) |
- ⤷
What are the main differences between the i7-1370P and i5 versions of this board?
- ⤷ Does the NUC-RPLP-70P support ECC memory for industrial applications?
- ⤷ What specific expansion modules can be used with the M.2 Key B slot?