công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • NUC-RPLP-20P

  • AI
    The **NUC-RPLP-20P** is an industrial-grade motherboard/system based on Intel's **Raptor Lake-P** (13th Generation Core) architecture. Designed for edge computing, digital signage, and industrial IoT, its electronic components focus on high performance-per-watt and extensive connectivity. --- ## 1. Core Processing Unit (CPU) The "RPLP" designation indicates the use of **Intel 13th Gen Raptor Lake-P** series processors. * **Architecture:** Hybrid architecture with Performance-cores (P-cores) and Efficient-cores (E-cores). * **Integrated Graphics:** Intel® Iris® Xe Graphics, supporting up to 4 concurrent 4K displays or 8K resolution. * **TDP:** Scalable power design, typically ranging from 15W to 28W (up to 64W Turbo). ## 2. Memory and Storage Interface The board utilizes high-bandwidth components to handle data-heavy industrial applications. | Component | Specification | | :--- | :--- | | **RAM Slots** | 2 x SO-DIMM DDR5-5200MHz | | **Max Capacity** | Up to 64GB | | **Primary Storage** | M.2 2280 Key M (PCIe Gen4 x4) for NVMe SSDs | | **Secondary Storage** | M.2 2242 Key M (PCIe x1 / SATA) | ## 3. Connectivity & I/O Components The NUC-RPLP-20P is characterized by its high-density port layout: ### Networking * **Ethernet:** Dual-LAN setup, usually featuring **Intel i226-IT/LM** controllers (2.5GbE) which support Time Sensitive Networking (TSN) for industrial automation. * **Wireless:** M.2 Key E slot for Wi-Fi 6E and Bluetooth 5.3 modules. ### Peripheral Interface * **USB:** Mix of USB 3.2 Gen 2 (10Gbps) and USB 2.0 headers. * **Display:** 2 x HDMI 2.1 ports and 2 x DisplayPort 1.4a (via Type-C). * **Expansion:** M.2 Key B slot (3042/3052) often used for **5G/4G LTE** cellular modules with an integrated SIM slot. ## 4. Power Management * **Input Voltage:** Wide range DC input (typically 12V to 24V), making it suitable for fluctuating power environments like factories or vehicles. * **Protection:** Industrial-grade VRMs (Voltage Regulator Modules) designed for 24/7 operation and thermal stability. --- ### Summary of Key Electronic Features 1. **Industrial Longevity:** Components selected for a long lifecycle (usually 7-10 years). 2. **Thermal Design:** Heat sinks are often designed for fanless or low-noise active cooling configurations. 3. **TPM 2.0:** Integrated hardware security for data encryption and boot protection.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption differences between the i5 and i7 variants of this board?
    • ⤷ Does the NUC-RPLP-20P support ECC memory for industrial reliability?
    • ⤷ Which M.2 keys are available for AI acceleration modules on this specific model?