công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • NTCLE101E3...SB0

  • AI
    ## Technical Overview: NTCLE101E3...SB0 Series The **NTCLE101E3...SB0** is a specific series of **NTC (Negative Temperature Coefficient) thermistors** manufactured by Vishay BCcomponents. These are radial-leaded, epoxy-coated sensors designed for high-accuracy temperature measurement and sensing. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature. Below are the general characteristics of the "SB0" variant (which typically refers to bulk packaging and specific lead lengths). | Parameter | Value / Range | | :--- | :--- | | **Resistor Type** | NTC Thermistor | | **Resistance at 25°C ($R_{25}$)** | Typically 2 kΩ to 470 kΩ (depending on the specific model) | | **Tolerance on $R_{25}$** | ± 1%, ± 2%, ± 3%, or ± 5% | | **Beta Value ($\beta_{25/85}$)** | 2880 K to 4570 K | | **Operating Temperature** | -40 °C to +125 °C | | **Dissipation Factor** | ~ 3.0 mW/K (in still air) | | **Thermal Time Constant** | ~ 1.2 seconds | --- ### 2. Physical Construction The **NTCLE101** series is known for its durability and small form factor: * **Encapsulation:** The thermistor chip is coated in a black metallic oxide-based epoxy resin. This provides electrical insulation and protection against humidity. * **Leads:** Tin-plated copper-clad steel wires. The "SB0" suffix usually denotes straight leads provided in bulk. * **Dimensions:** Small bead diameter (typically < 3.3 mm), making it ideal for tight spaces. --- ### 3. Electronic Behavior As an **NTC** device, its resistance decreases as the temperature increases. The relationship is non-linear and governed by the **Steinhart-Hart equation**: ```text 1/T = A + B*ln(R) + C*(ln(R))^3 ``` Alternatively, for general calculations, the **Beta Formula** is used: ```python # Resistance calculation at a specific temperature T # R = R25 * exp(Beta * (1/T - 1/298.15)) import math def calculate_resistance(r25, beta, temp_c): temp_k = temp_c + 273.15 t25_k = 298.15 res = r25 * math.exp(beta * (1/temp_k - 1/t25_k)) return res ``` --- ### 4. Common Applications * **Temperature Compensation:** Offsetting temperature-induced changes in copper coils or semiconductor circuits. * **Medical Equipment:** Used in sensors requiring high stability. * **Industrial:** Monitoring battery packs, motor windings, and HVAC systems. * **Automotive:** Cabin temperature sensing and engine cooling monitoring. --- ### 5. Part Number Decoding The suffix **SB0** is critical for logistics: * **S:** Refers to the lead configuration (Straight leads). * **B0:** Refers to the packaging (Bulk packaging). If the code were **T1**, it would indicate Tape and Reel. ---
    ✨ Follow-up Questions
    • ⤷What is the specific resistance value for the NTCLE101E3103SB0 model?
    • ⤷ How does the dissipation factor affect the accuracy of the temperature reading?
    • ⤷ What are the advantages of epoxy coating over glass encapsulation for NTCs?