công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • NSAM2CS209VDC

  • AI
    Based on the part number **NSAM2CS209VDC**, this component is a **Power Relay**. It is specifically designed for automotive or industrial applications where high DC current switching is required. --- ### 1. Component Overview The NSAM2CS209VDC is an electromagnetic switch that uses a low-power signal (9VDC coil) to control a high-power circuit. | Attribute | Specification | | :--- | :--- | | **Component Type** | Electromechanical Relay | | **Coil Voltage** | 9V DC | | **Contact Configuration** | 2 Form C (DPDT - Double Pole Double Throw) | | **Mounting Type** | PCB (Through-Hole) | | **Application** | Automotive Electronics, Power Control | --- ### 2. Breakdown of the Part Number While naming conventions can vary by manufacturer (often associated with brands like *Nais/Panasonic* or *Fujitsu*), the code typically breaks down as follows: * **NSAM**: Series designation (often indicating a sub-miniature or automotive-grade power relay). * **2C**: Contact arrangement (2 Form C / Double Pole Double Throw). This means it has two sets of switching contacts. * **S**: Sealed construction (Protects the internals from flux or environmental contaminants). * **20**: Specific design or power rating indicator. * **9VDC**: The nominal voltage required to energize the internal coil. --- ### 3. Key Electronic Characteristics * **Coil Side:** Requires a 9V DC source. When current flows through the coil, it creates a magnetic field that moves the internal armature. * **Contact Side:** Capable of switching significantly higher voltages and currents (typically rated for 12VDC or 24VDC automotive loads). * **Switching Speed:** Being electromechanical, it has a physical "click" and a switching delay (usually 5ms to 10ms). * **Isolation:** Provides electrical isolation between the control circuit (9V) and the load circuit. --- ### 4. Common Applications 1. **Automotive Systems:** Power windows, central locking systems, and seat adjustment motors. 2. **Industrial Control:** Small motor control or signal routing in automated machinery. 3. **Consumer Electronics:** Power management in devices requiring 9V logic control.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the contacts on this relay?
    • ⤷ Can I use a 12V power supply to trigger this 9VDC coil?
    • ⤷ What are the physical dimensions and pinout for the NSAM2CS209VDC?