công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • NS03CC

  • AI
    The **NS03CC** is a high-performance, programmable logic controller (PLC) or specialized communication module, most commonly associated with industrial automation systems (often within the **OMRON** or specific HVAC control ecosystems). Below is a breakdown of its electronic components, technical specifications, and functional architecture. --- ### 1. Technical Specifications The device is designed for harsh industrial environments, requiring high reliability and specific electrical tolerances. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24V DC (Standard) | | **Power Consumption** | Approx. 1.5W to 3W | | **Communication Protocol** | Controller Link / RS-232C / RS-422A | | **Operating Temperature** | 0°C to 55°C | | **Isolation Type** | Photocoupler Isolation | | **Mounting Style** | DIN Rail or Screw Mount | --- ### 2. Key Electronic Components The internal PCB of an NS03CC typically consists of the following architectural blocks: #### A. Power Supply Circuitry * **DC-DC Converters:** Steps down the 24V DC input to 5V or 3.3V to power the internal logic and microcontrollers. * **Protection Components:** Includes TVS (Transient Voltage Suppressor) diodes and fuses to protect against voltage spikes common in industrial power grids. #### B. Processing & Memory * **Microprocessor/MCU:** Handles data packet processing and protocol translation. * **EEPROM/Flash Memory:** Stores configuration parameters, node addresses, and firmware instructions that persist even after power loss. #### C. Communication Interface * **Transceivers:** High-speed RS-485 or RS-232 transceivers (e.g., MAX series) for physical layer data transmission. * **Isolation Barriers:** Photocouplers or digital isolators are used to prevent ground loops and protect the internal circuitry from high-voltage surges on the communication lines. #### D. Connection Terminals * **Terminal Block:** Removable screw terminals for easy wiring of power and data lines. * **Shield Ground (GR):** A dedicated terminal for reducing electromagnetic interference (EMI). --- ### 3. Functional Block Diagram (Conceptual) 1. **Input:** 24V Power & External Data Signal. 2. **Filtration:** Noise filters remove EMI. 3. **Logic:** MCU processes the request based on the internal logic program. 4. **Output:** Status LEDs (Ready, Run, Error) and data transmission to the main PLC or HMI. --- ### 4. Application Usage The NS03CC is primarily used to: * Bridge communication between a Touch Panel (HMI) and a PLC. * Extend the distance of a serial network. * Provide a conversion point for different wiring standards (e.g., converting serial signals for a Controller Link network).
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the NS03CC terminal block?
    • ⤷ How do I troubleshoot a 'Communication Error' LED on this module?
    • ⤷ Can the NS03CC be used with non-Omron hardware via Modbus?