công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • NM5N-R

  • AI
    The **NM5N-R** is a specific model within the **NM Series** of non-contact safety switches, typically manufactured by companies like **Panasonic (Industrial Devices)**. These parts are critical components in industrial automation, designed to monitor the status of safety guards, doors, and covers. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Core Operating Principle The NM5N-R is a **Magnetic Non-Contact Safety Switch**. Unlike traditional mechanical limit switches, it does not require physical contact to actuate. It consists of two parts: 1. **The Sensor:** Contains Reed switches or electronic hall-effect sensors. 2. **The Actuator:** A coded magnet that triggers the sensor when within a specific sensing range. ### 2. Technical Specifications The "R" in the suffix often denotes a specific wiring configuration or a right-hand mounting orientation depending on the sub-series. | Feature | Specification (Typical) | | :--- | :--- | | **Contact Type** | 2NC (Normally Closed) + 1NO (Normally Open) | | **Sensing Distance (ON)** | ~5mm to 10mm | | **Sensing Distance (OFF)** | ~15mm to 25mm | | **Maximum Voltage** | 24V DC / 100V AC (Model dependent) | | **Maximum Current** | 0.2A to 0.5A | | **Enclosure Rating** | IP67 (Dust-tight and waterproof) | | **Connection Type** | Pre-wired cable or M12 Connector | --- ### 3. Electronic Advantages The electronic design of the NM5N-R offers several benefits over mechanical alternatives: * **Wear Resistance:** Since there are no moving mechanical parts making contact, the electronic lifespan is significantly longer (millions of cycles). * **Tamper Resistance:** Because it uses magnetic coding, it is harder to bypass with a simple handheld magnet compared to basic magnetic switches. * **Hysteresis:** The internal electronics are calibrated with a specific "differential" distance to prevent rapid flickering of the safety circuit due to machine vibration. ### 4. Wiring and Safety Integration The NM5N-R is designed to be integrated into a **Safety Relay** or a **Safety PLC**. ```mermaid graph LR A[NM5N-R Sensor] -- Dual Channel --> B[Safety Monitoring Relay] B -- Control Signal --> C[Motor Contactor] C -- Power --> D[Industrial Machine] ``` * **Redundancy:** It usually employs two independent circuits (Dual Channel) to ensure that if one internal reed switch fails (welds shut), the other will still open the circuit to stop the machine. * **Misalignment Tolerance:** The electronic sensing field allows for slight door sagging or misalignment that would cause a mechanical key-switch to break. --- ### 5. Application Areas * **Food & Beverage:** IP67 rating allows for high-pressure washdowns. * **Packaging:** High-speed door monitoring where mechanical wear would be too frequent. * **Pharmaceutical:** Cleanroom environments where mechanical friction (dust) must be avoided.
    ✨ Follow-up Questions
    • ⤷ How does the NM5N-R compare to RFID-based non-contact switches?
    • ⤷ What are the specific wiring color codes for the 2NC/1NO configuration?
    • ⤷ Can this switch be used in explosive atmospheres (ATEX zones)?