công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • NJG1552F-R2

  • AI
    The **NJG1552F-R2** is a high-performance GaAs (Gallium Arsenide) SPDT (Single Pole Double Throw) switch IC designed primarily for switching signals in wireless communication applications. It is manufactured by New Japan Radio (NJR/Nisshinbo Micro Devices). --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | SPDT (Single Pole Double Throw) | | **Frequency Range** | 100 MHz to 2.5 GHz | | **Supply Voltage ($V_{DD}$)** | +2.7 V to +5.5 V | | **Control Voltage** | 0V / +2.7V typical | | **Insertion Loss** | 0.4 dB (at 1.0 GHz) / 0.5 dB (at 2.0 GHz) | | **Isolation** | 24 dB (at 1.0 GHz) / 18 dB (at 2.0 GHz) | | **Package Type** | FFP12 (Flip-Chip type) | --- ### 2. Core Functional Components The NJG1552F-R2 consists of several internal electronic stages to manage RF signals efficiently: * **GaAs FET Switch Matrix:** Uses Gallium Arsenide technology to provide low ON-resistance and low OFF-capacitance. This allows high-frequency signals to pass with minimal attenuation. * **Integrated Logic Driver:** Includes internal CMOS-compatible logic circuits. This allows the switch to be toggled using standard microcontrollers without needing negative voltage rails. * **Protection Circuitry:** Often includes basic ESD protection to prevent damage during handling and assembly. --- ### 3. Pin Configuration and Operation The device typically operates by routing a common RF port (PC) to one of two output ports (P1 or P2) based on the logic levels applied to control pins. | Control 1 (V1) | Control 2 (V2) | Signal Path | | :--- | :--- | :--- | | High | Low | PC to P1 | | Low | High | PC to P2 | --- ### 4. Common Applications Due to its small footprint and low insertion loss, the NJG1552F-R2 is commonly found in: 1. **Mobile Handsets:** For switching between internal antennas or bands. 2. **WLAN/Bluetooth Modules:** Routing signals between transmit (Tx) and receive (Rx) chains. 3. **Cordless Phones:** Handling 1.9 GHz - 2.4 GHz signal paths. 4. **General RF Switching:** Any low-power signal routing up to 2.5 GHz. --- ### 5. Implementation Considerations * **DC Blocking Capacitors:** Since the IC is a GaAs FET type, DC blocking capacitors are required on all RF ports (PC, P1, P2) to prevent DC bias from interfering with the internal transistors. * **Layout:** High-frequency performance is sensitive to PCB layout. It is recommended to use a continuous ground plane and keep RF traces as short as possible to maintain impedance matching.
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the DC blocking capacitors in this circuit?
    • ⤷ How does the GaAs technology in the NJG1552F-R2 compare to CMOS switches?
    • ⤷ Can this IC handle high-power signals above 30 dBm?