NF2200A-RQ
AI

The **NF2200A-RQ** is a high-performance, three-phase AC power line noise filter. It is designed to suppress electromagnetic interference (EMI) and radio frequency interference (RFI) in industrial environments, particularly for high-power equipment like motor drives and inverters.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the NF2200A-RQ series:
| Parameter | Specification |
| :--- | :--- |
| **Phase Type** | Three-Phase (3-Wire) |
| **Rated Voltage** | 250V / 500V AC |
| **Rated Current** | 10A to 60A (depending on sub-model) |
| **Test Voltage** | 2000V AC (1 minute) |
| **Insulation Resistance** | 100 MΩ min (at 500V DC) |
| **Leakage Current** | High performance (typically < 2.5mA to 5mA) |
| **Temperature Range** | -25°C to +85°C |
---
### 2. Internal Electronic Components
The NF2200A-RQ utilizes a combination of passive components to achieve noise attenuation:
* **Common Mode Chokes:** Heavy-duty ferrite cores wound with copper wire. These create high impedance against common-mode noise (noise traveling in the same direction on all lines).
* **X-Capacitors:** Connected between the phases (Line-to-Line) to filter out differential-mode noise.
* **Y-Capacitors:** Connected between the phases and the ground (Line-to-Ground) to bypass high-frequency interference to the earth.
* **Bleeder Resistors:** Integrated into the circuit to safely discharge the capacitors once power is removed, preventing electric shock.
---
### 3. Application Use Cases
This specific filter is commonly used in parts of the following systems:
1. **Variable Frequency Drives (VFDs):** To prevent high-frequency switching noise from the inverter from leaking back into the power grid.
2. **Servo Drives:** Used in precision CNC machinery and robotics to ensure signal integrity.
3. **Industrial Automation:** Protecting PLCs and sensitive sensors from power surges and electrical "pollution."
4. **Medical Equipment:** High-capacity diagnostic tools requiring clean power signals.
---
### 4. Connection Diagram (General Layout)
```text
[POWER SOURCE] ----> [NF2200A-RQ FILTER] ----> [CRITICAL LOAD/INVERTER]
L1 ---------------- (L1')
L2 ---------------- (L2')
L3 ---------------- (L3')
E ----(Ground)---- E
```
---
- ⤷
What is the difference between common-mode and differential-mode noise in this filter?
- ⤷ How do I calculate the correct current rating for my NF2200A-RQ application?
- ⤷ Does this filter require a specific mounting orientation for heat dissipation?