NF2150A-RQ
AI

### NF2150A-RQ Electronic Overview
The **NF2150A-RQ** is an industrial-grade LCD controller board (often referred to as an AD board or A/D board). It acts as the "brain" for flat-panel displays, converting standard video input signals into the LVDS signaling required by the LCD panel itself.
---
### Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Main Chipset** | Realtek RTD series (typically RTD2150 or similar) |
| **Input Ports** | VGA (D-Sub), HDMI, or DVI (varies by specific sub-model) |
| **Output Signal** | Dual-channel 8-bit/6-bit LVDS |
| **Max Resolution** | 1920 x 1080 @ 60Hz (Full HD) |
| **Power Input** | +12V DC (typical range 9V-15V) |
| **Panel Voltage** | Jumper selectable (3.3V, 5.0V, or 12V) |
---
### Core Electronic Components
1. **Scaler IC (The Processor):**
The central integrated circuit processes the incoming analog (VGA) or digital (HDMI) signals. It handles "scaling"—ensuring a lower resolution image fits the native resolution of the panel—and adjusts brightness, contrast, and color balance.
2. **Power Management Unit:**
* **Buck Converters:** Step down the 12V input to 5V and 3.3V to power the logic chips and the LCD timing controller.
* **Voltage Jumpers:** A critical physical header that determines what voltage is sent to the LCD panel via the LVDS cable. *Warning: Setting this incorrectly can destroy the panel.*
3. **OSD (On-Screen Display) Interface:**
A dedicated header that connects to a small keyboard (buttons) used to navigate the menu, adjust volume, or switch inputs.
4. **Inverter/LED Driver Interface:**
A specialized connector (usually 6-pin) that provides power and a PWM (Pulse Width Modulation) signal to control the backlight brightness of the display.
5. **EEPROM / Flash Memory:**
Stores the firmware and the EDID (Extended Display Identification Data), which tells the connected PC the display's capabilities.
---
### Functional Block Diagram Representation
```mermaid
graph LR
A[Video Input: HDMI/VGA] --> B[Scaler IC RTD2150]
B --> C[LVDS Output Connector]
C --> D[LCD Panel]
E[12V Power In] --> F[Voltage Regulators]
F --> B
F --> G[Backlight Driver]
```
---
### Typical Applications
* **Industrial Monitors:** Used in kiosks and factory floor displays.
* **DIY Monitors:** Turning laptop screens into standalone monitors.
* **Security Systems:** Driving dedicated CCTV viewing screens.
---
- ⤷
What are the specific jumper settings for changing the panel voltage on the NF2150A-RQ?
- ⤷ Which LVDS cable pinout is compatible with this board for a 1080p panel?
- ⤷ Does the NF2150A-RQ support audio output via HDMI?