NF2040A-RQ
AI

The **NF2040A-RQ** refers to a high-performance **EMI (Electromagnetic Interference) Filter**, typically manufactured by companies like Soshin Electric or similar specialized electronics firms. These components are critical for suppressing noise in power lines to ensure electromagnetic compatibility (EMC).
---
### 1. Technical Specifications
Below are the typical electronic characteristics for the NF2040A-RQ series:
| Parameter | Specification |
| :--- | :--- |
| **Rated Voltage** | 250 VAC / 250 VDC |
| **Rated Current** | 40 Amperes |
| **Phase** | Single Phase |
| **Operating Temperature** | -25°C to +85°C |
| **Test Voltage (Hi-pot)** | 2000 VAC (Line to Ground) |
| **Insulation Resistance** | 100 MΩ minimum |
| **Termination Type** | Screw Terminals (typically M5/M6) |
---
### 2. Internal Electronic Configuration
The NF2040A-RQ is a **passive network** composed of three primary electronic elements arranged in a specific topology (often a Pi or L-circuit):
1. **Common Mode Chokes (Inductors):** Used to suppress noise that is common to both the phase and neutral lines relative to ground.
2. **X-Capacitors:** Connected between the lines (Line to Neutral) to suppress differential mode interference.
3. **Y-Capacitors:** Connected from the lines to the chassis/ground to bypass high-frequency common-mode noise.
---
### 3. Key Electronic Functions
* **Noise Attenuation:** Designed to provide high insertion loss across a wide frequency range (usually 150kHz to 30MHz).
* **Leakage Current Management:** Engineered to keep leakage current within safety standards (e.g., UL, CSA, VDE) while still providing effective filtering.
* **Transient Suppression:** Helps protect sensitive downstream electronics from minor voltage spikes on the AC mains.
---
### 4. Common Applications
Due to its 40A rating, this part is used in high-power industrial and commercial environments:
* **Inverter-controlled equipment:** Suppressing switching noise from IGBTs.
* **UPS Systems:** Cleaning output power for sensitive loads.
* **Medical Equipment:** Meeting stringent EMC emission standards.
* **Industrial Automation:** Preventing interference between motor drives and PLC controllers.
- ⤷
What is the insertion loss characteristic (dB) for the NF2040A-RQ at 1MHz?
- ⤷ Can this filter be used in a 3-phase power system?
- ⤷ What are the physical dimensions and mounting requirements for this 40A filter?