công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • NETCAT5BK

  • AI
    The **NETCAT5BK** generally refers to a Category 5e (Cat5e) Ethernet cable assembly, typically finished in black ("BK"). In the context of electronic parts, this component is classified under **interconnects** and **networking hardware**. --- ### 1. Technical Specifications Below are the electronic and physical characteristics typical for a NETCAT5BK assembly: | Feature | Specification | | :--- | :--- | | **Cable Type** | Cat5e (Enhanced Category 5) | | **Data Rate** | Up to 1000 Mbps (1 Gbps) | | **Bandwidth** | 100 MHz to 350 MHz | | **Connector Type** | RJ45 (8P8C) | | **Wiring Standard** | T568B or T568A | | **Conductor Gauge** | 24 AWG | | **Shielding** | UTP (Unshielded Twisted Pair) | | **Jacket Material** | PVC (Polyvinyl Chloride) | --- ### 2. Internal Electronic Components While it may look like a simple wire, the "electronic" functionality relies on specific engineering principles: * **Twisted Pairs:** The cable contains 8 wires twisted into 4 pairs. These twists are mathematically calculated to cancel out **Electromagnetic Interference (EMI)** and reduce **crosstalk** between the lines. * **Gold-Plated Contacts:** The RJ45 connectors usually feature 50-micron gold plating on the copper contacts to prevent oxidation and ensure a low-resistance electrical connection. * **Stranded vs. Solid Copper:** * *Stranded:* Used for patch cables (flexible). * *Solid:* Used for permanent wall installations (better conductivity over distance). --- ### 3. Pinout Configuration (T568B) Most NETCAT5BK cables follow the T568B wiring standard for the RJ45 pins: | Pin | Wire Color | Function | | :--- | :--- | :--- | | 1 | White/Orange | Transmit + | | 2 | Orange | Transmit - | | 3 | White/Green | Receive + | | 4 | Blue | Reserved | | 5 | White/Blue | Reserved | | 6 | Green | Receive - | | 7 | White/Brown | Reserved | | 8 | Brown | Reserved | --- ### 4. Application Use Cases * **LAN Networking:** Connecting PCs, routers, and switches. * **PoE (Power over Ethernet):** Delivering DC power to devices like IP cameras and VoIP phones. * **HDBaseT:** Extending HDMI signals over long distances using Baluns.
    ✨ Follow-up Questions
    • ⤷What is the maximum recommended length for a NETCAT5BK cable to maintain Gigabit speeds?
    • ⤷ What is the difference between Cat5 and Cat5e in terms of electronic performance?
    • ⤷ Can this cable be used for Power over Ethernet (PoE) applications?