công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • NET9

  • AI
    The **NET9** (often associated with specialized industrial networking equipment or specific microcontroller development kits) typically refers to architecture based on the **ARM9** processor core. In the context of electronic components, these systems are built using several critical hardware layers. Below is an overview of the electronic parts common to a NET9-based system: ### 1. Central Processing Unit (CPU) The heart of the system is usually an integrated System-on-Chip (SoC). * **Architecture:** ARM926EJ-S (32-bit RISC). * **Clock Speed:** Generally ranges from 200MHz to 400MHz. * **Features:** Includes an MMU (Memory Management Unit) to support operating systems like Linux or RTOS. ### 2. Memory Architecture To function, the NET9 core requires volatile and non-volatile storage components. | Component | Type | Function | | :--- | :--- | :--- | | **SDRAM** | Volatile | Used for runtime operations and executing code. | | **NAND/NOR Flash** | Non-Volatile | Stores the bootloader (U-Boot), Kernel, and File System. | | **EEPROM** | Non-Volatile | Stores small configuration data like MAC addresses and serial numbers. | ### 3. Connectivity & Physical Layer (PHY) The "NET" prefix signifies heavy emphasis on networking. * **Ethernet PHY:** An integrated or external chip (like the Microchip KSZ series) that handles the physical signals for 10/100 Mbps Ethernet. * **Isolation Transformer:** Small magnetic blocks that protect the electronics from power surges on the Ethernet cable. * **UART/RS232:** Serial communication chips (like the MAX3232) for debugging and console access. ### 4. Power Management Because these boards often sit in industrial environments, the power circuitry is robust: * **Voltage Regulators:** LDOs or DC-DC Buck converters to step down 12V/24V input to 3.3V (I/O), 1.8V (Memory), and 1.2V (Core). * **Supercapacitors:** Sometimes used for "Last Gasp" functionality to save data during a power failure. --- ### Hardware Block Diagram Summary ```mermaid graph LR A[Power Input] --> B[PMIC/Regulators] B --> C[NET9 SoC] C <--> D[SDRAM] C <--> E[Flash Memory] C <--> F[Ethernet PHY] F --> G[RJ45 Port] ``` --- ### Key Peripheral Interfaces The electronic design usually breaks out the following pins for integration: 1. **GPIO:** General Purpose Input/Output for controlling LEDs or reading switches. 2. **I2C/SPI:** Serial buses for connecting sensors or small displays. 3. **USB Host/Device:** For external storage or peripheral expansion.
    ✨ Follow-up Questions
    • ⤷ What are the power requirements for a typical NET9 ARM core?
    • ⤷ Which operating systems are compatible with NET9 hardware?
    • ⤷ How does the Ethernet PHY interface with the NET9 CPU?