NET2282-AB33PC
AI

## Overview of the NET2282-AB33PC
The **NET2282-AB33PC** is a high-performance Peripheral Component Interconnect (PCI) to USB 2.0 Peripheral Controller. It is designed to allow local bus-based systems (like microprocessors or FPGAs) to communicate with a USB host at High-Speed (480Mbps) rates.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **USB Version** | USB 2.0 Hi-Speed (480 Mbps) |
| **Local Bus Interface** | 32-bit, 33MHz PCI Interface |
| **Package Type** | 120-pin TQFP (Thin Quad Flat Pack) |
| **Power Consumption** | Low power (approx. 500mW peak) |
| **Endpoints** | 4 Configurable Endpoints |
| **FIFO Memory** | 8 KB integrated RAM for data buffering |
| **Voltage** | 3.3V I/O with 1.8V Core |
---
### Functional Blocks and Components
The device acts as a bridge. Below are the primary electronic sections within the chip:
1. **USB Transceiver (PHY):**
Integrated physical layer that handles the differential signaling (D+/D-) required for USB communication. It includes on-chip termination resistors.
2. **PCI Interface Unit:**
Supports a standard 32-bit PCI bus. It allows the local CPU to treat the USB controller as a memory-mapped I/O device.
3. **Endpoint Controller:**
Manages data flow for up to four endpoints. Each endpoint can be configured for Bulk, Interrupt, or Isochronous transfers.
4. **DMA Engine:**
A high-speed Descriptor-based DMA (Direct Memory Access) controller. This allows data to move between the PCI bus and the USB buffers without constant CPU intervention, reducing overhead.
5. **FIFO RAM:**
The internal 8KB of memory acts as a buffer to synchronize data rates between the fast PCI bus and the USB bus.
---
### Typical Application Circuitry
To implement the NET2282 in a design, the following external electronic components are usually required:
* **Crystal Oscillator:** Typically a 30MHz crystal to provide the clock reference for the USB PLL.
* **Voltage Regulators:** If a 1.8V rail is not available, a linear regulator (LDO) is needed to step down from 3.3V for the core logic.
* **Decoupling Capacitors:** Standard 0.1µF and 10µF capacitors placed near power pins to filter high-frequency noise.
* **Pull-up/Pull-down Resistors:** Required for specific configuration pins to set the chip mode (e.g., PCI vs. Generic Local Bus).
### Common Use Cases
* Adding USB 2.0 device functionality to legacy PCI-based industrial PCs.
* High-speed data acquisition systems (DAQ).
* Printers, Scanners, and medical imaging equipment.
- ⤷
What are the differences between the NET2282 and the older NET2280 model?
- ⤷ Can the NET2282 be used with an FPGA instead of a PCI bus?
- ⤷ What software drivers are typically used to interface with this controller?