công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • NET13BK

  • AI
    The **NET13BK** typically refers to a standard **13-inch Neoprene Laptop Sleeve** (often categorized under computer accessories). While it is not an electronic circuit itself, it is an "electronic part" in the context of hardware protection and thermal management for mobile devices. Below is a breakdown of its technical specifications and functional role in an electronic ecosystem. ### 1. Material Composition The primary "technology" behind the NET13BK is the chemical structure of the material used to protect sensitive electronics. | Component | Material | Function | | :--- | :--- | :--- | | **Primary Body** | High-Density Neoprene | Provides impact resistance and synthetic rubber cushioning. | | **Inner Lining** | Anti-scratch Polyester/Fleece | Protects the magnesium or aluminum chassis of the laptop. | | **Closure System** | Dual Nylon/Zinc Zippers | Secures the device; non-conductive teeth to prevent EMI interference. | --- ### 2. Functional Electronic Protection While passive, the NET13BK serves several critical roles for the electronic device housed within: * **Electrostatic Discharge (ESD) Reduction:** The synthetic outer layer acts as an insulator, reducing the risk of static build-up during transport in dry environments. * **Thermal Buffer:** Neoprene provides a level of thermal insulation, preventing the laptop's battery from undergoing rapid temperature fluctuations when moving from indoor to outdoor environments. * **Moisture Barrier:** The material is water-resistant, protecting the internal PCB (Printed Circuit Board) from humidity and minor liquid exposure. --- ### 3. Dimensional Compatibility To ensure the electronic device fits correctly (preventing internal shifting which can damage mechanical hard drives or hinge joints), the following dimensions apply: | Specification | Measurement (Typical) | | :--- | :--- | | **Compatible Screen Size** | 13" - 13.3" Diagonal | | **Internal Width** | ~330 mm | | **Internal Depth** | ~235 mm | | **Material Thickness** | 3mm - 5mm | --- ### 4. Maintenance and Usage Code For systems integration or inventory management, the part is often classified under the following codes: ```json { "Part_Number": "NET13BK", "Category": "Passive Protection / Accessory", "Material_Type": "Polychloroprene", "Color_Code": "BK (Black)" } ```
    ✨ Follow-up Questions
    • ⤷Does the NET13BK offer RFID shielding for laptops?
    • ⤷ Is neoprene safe for laptops that are still cooling down?
    • ⤷ What are the specific impact-resistance ratings for this sleeve?