công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • NDP503C1R5

  • AI
    The **NDP503C1R5** is a high-performance **NTC (Negative Temperature Coefficient) Thermistor** typically manufactured by companies like Littelfuse (formerly Selco). It is widely used for precision temperature sensing and compensation. --- ## 1. Core Specifications The alphanumeric code "NDP503C1R5" reveals the electrical characteristics of the component: | Feature | Specification | Description | | :--- | :--- | :--- | | **Type** | NTC Thermistor | Resistance decreases as temperature increases. | | **Base Resistance** | 50,000 $\Omega$ (50k) | The resistance measured at 25°C. | | **Tolerance** | ±10% (Standard) | The accuracy range of the base resistance. | | **Beta Value ($\beta$)** | 3977K | The slope of the resistance-temperature curve. | | **Dissipation Constant** | 3.0 mW/°C | Power required to raise the part's temp by 1°C. | | **Material** | Metal Oxide | Sintered ceramic material for stability. | --- ## 2. Key Electronic Properties ### A. Temperature Sensitivity As an NTC device, its resistance follows an exponential curve. - At **lower temperatures**, the resistance is very high (used to limit inrush current or sense cold). - At **higher temperatures**, the resistance drops significantly (used to detect overheating). ### B. Thermal Time Constant The NDP503C1R5 typically has a thermal time constant of approximately **10 to 15 seconds** in still air. This indicates how quickly the sensor reacts to a step change in ambient temperature. ### C. Physical Construction * **Coating:** Usually epoxy-coated for moisture resistance and insulation. * **Leads:** Tin-plated copper or nickel wires, suitable for soldering onto PCBs or crimping into wire harnesses. --- ## 3. Typical Applications The 50k $\Omega$ resistance value makes it ideal for specific circuit types: 1. **HVAC Systems:** Used in thermostats and air handling units to monitor ambient air temperature. 2. **Battery Management (BMS):** Monitoring the surface temperature of Li-ion cells during charge/discharge cycles. 3. **Industrial Instrumentation:** Temperature compensation for copper coils or LCD displays to maintain accuracy over a wide thermal range. 4. **Medical Equipment:** Sensitive enough for non-critical body temperature monitoring or fluid warming systems. --- ## 4. Circuit Integration In most electronic designs, the NDP503C1R5 is used in a **Voltage Divider** configuration. ```python # Calculation for Temperature Sensing # V_out = V_ref * (R_ntc / (R_fixed + R_ntc)) ``` By measuring the voltage at the junction, a Microcontroller (ADC) can calculate the resistance and, using the **Steinhart-Hart equation**, determine the precise temperature.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the temperature from the resistance of the NDP503C1R5?
    • ⤷ What is the maximum operating temperature for this thermistor?
    • ⤷ Can this part be used for inrush current limiting or only for sensing?