ND005D-SM02-R
AI

The **ND005D-SM02-R** is a specific electronic component typically categorized as a **Pressure Sensor**, specifically belonging to the **NPI series** (often associated with NovaSensor/Amphenol products) or similar low-pressure differential sensor families.
Below is a breakdown of its technical composition and electronic characteristics.
---
## 1. Core Technical Specifications
These parameters define how the sensor interacts with an electronic circuit:
| Parameter | Value/Description |
| :--- | :--- |
| **Sensor Type** | Differential Pressure Sensor |
| **Pressure Range** | ±5 psi (Differential) |
| **Technology** | Piezoresistive Silicon (MEMS) |
| **Package Type** | Surface Mount (SMD) |
| **Bridge Resistance** | Typically 5kΩ (nominal) |
| **Operating Temp** | -40°C to +125°C |
| **Media** | Non-corrosive gases / Dry air |
---
## 2. Electronic Architecture
The internal circuitry is based on a **Wheatstone Bridge** configuration. This is the standard for high-precision pressure measurement.
### Key Components:
1. **MEMS Diaphragm:** A silicon chip etched to form a thin membrane.
2. **Piezoresistors:** Four resistors implanted into the silicon diaphragm. When pressure deforms the diaphragm, the resistance values change.
3. **Output Signal:** It provides a millivolt (mV) output proportional to the applied pressure and the excitation voltage.
### Typical Connection Pinout:
Most SMD variants of this series follow a standard 8-pin or 6-pin configuration:
* **Pin 1:** Supply Voltage ($V_{exc}$)
* **Pin 2:** Positive Output ($+OUT$)
* **Pin 3:** Ground/Negative Excitation ($-V_{exc}$)
* **Pin 4:** Negative Output ($-OUT$)
---
## 3. Signal Conditioning Requirements
Because the ND005D-SM02-R is an **uncompensated/unconditioned** sensor, it requires external electronic support to be useful in a digital system:
* **Instrumentation Amplifier:** Needed to boost the low-level millivolt signal to a 0–5V or 0–3.3V range.
* **Analog-to-Digital Converter (ADC):** To convert the analog voltage into data for a microcontroller (e.g., Arduino, ESP32).
* **Temperature Compensation:** Since silicon resistors are sensitive to heat, software or hardware compensation is required to maintain accuracy across different temperatures.
---
## 4. Application Circuit Example
To interface this part with a microcontroller, a basic bridge amplifier circuit is used:
```cpp
// Logic flow for processing ND005D signal:
1. Apply stable 5V DC to Excitation pins.
2. Read Differential Voltage (Vout+ - Vout-) via INA126 or similar Op-Amp.
3. Apply Calibration Offset: Pressure = (V_read - V_offset) * Sensitivity_Constant.
```
---
- ⤷
What is the maximum excitation voltage recommended for the ND005D-SM02-R?
- ⤷ Which instrumentation amplifier is best suited for this sensor?
- ⤷ How does the 'Differential' pressure type differ from 'Absolute' in this model?