công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • NCSS20-R020TRF

  • AI
    The **NCSS20-R020TRF** is a specialized electronic component, specifically a **Surface Mount (SMD) Current Sense Resistor**. It is designed for precision power management and current monitoring applications. Below is a detailed breakdown of its specifications and electronic characteristics. --- ## 1. Technical Specifications This part belongs to a class of resistors characterized by very low resistance values and high precision. | Feature | Specification | | :--- | :--- | | **Component Type** | Current Sense Resistor (Metal Strip/Foil) | | **Resistance Value** | 0.020 $\Omega$ (20 m$\Omega$) | | **Tolerance** | ±1% (denoted by 'F' in the suffix) | | **Power Rating** | Typically 0.5W to 1W (varies by package configuration) | | **Package Size** | 2010 (Imperial) or 5025 (Metric) | | **Temperature Coefficient (TCR)** | Low (typically ±50ppm to ±100ppm/°C) | | **Termination Material** | Tin (Sn) over Nickel (Ni) | --- ## 2. Key Electronic Characteristics ### A. Low Resistance (Shunt) With a value of only **20 milliohms**, this resistor acts as a "shunt." When current flows through it, a very small voltage drop occurs (Ohm’s Law: $V = I \times R$). This voltage is then measured by a microcontroller or a current-sense amplifier to determine the circuit's current draw. ### B. High Stability (Metal Strip Technology) Unlike standard thick-film resistors, these parts often use a metal alloy plate as the resistive element. This provides: * **Superior Thermal Stability:** The resistance doesn't change significantly as the part heats up. * **High Pulse Endurance:** It can handle short bursts of high current without failing. ### C. Low Inductance Because it is a flat SMD component, it has parasitic inductance. This is critical for high-frequency switching power supplies, as it ensures accurate readings without "noise" spikes during fast current transitions. --- ## 3. Common Applications This specific part is typically found in power-sensitive electronics, including: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge rates in lithium-ion packs. 2. **DC-DC Converters:** Providing feedback loops for regulated power outputs. 3. **Motor Control:** Detecting over-current conditions to prevent motor burnout. 4. **Power Adapters:** Ensuring the output current stays within safe limits for consumer electronics. --- ## 4. Part Number Decoder (Typical) While manufacturers vary slightly, the code usually breaks down as: * **NCSS**: Series Name (Current Sensing Surface Mount). * **20**: Package size (e.g., 2010). * **R020**: Resistance value ($0.020 \Omega$). * **T**: Tape and Reel packaging. * **R**: RoHS Compliant. * **F**: 1% Tolerance.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its 1W power rating?
    • ⤷ How do I calculate the voltage drop across this resistor if the load is 5 Amps?
    • ⤷ What are the common alternatives to the 2010 package size for current sensing?