công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • NCSS12-R015TRF

  • AI
    The **NCSS12-R015TRF** is a specialized electronic component, specifically a **Surface Mount (SMT) Current Sensing Resistor**. It is designed to measure current flow by creating a small voltage drop across its terminals. --- ### 1. Key Technical Specifications Below are the primary parameters of the NCSS12-R015TRF based on its part numbering and industry standards: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Current Sense Resistor | Low-resistance shunt resistor | | **Package Size** | 1206 (Metric 3216) | Dimensions: 3.2mm x 1.6mm | | **Resistance Value** | 15 mΩ (0.015 Ω) | Specified by the "R015" code | | **Tolerance** | ±1% (F) | High precision for measurement | | **Power Rating** | 0.5W to 1W | Typical for the 1206 series | | **Temperature Coeff.** | 100ppm/°C or lower | Stability across temperature ranges | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details about the manufacturing standards: * **NCSS**: Series name (typically identifying it as a Current Sensing Surface-mount resistor). * **12**: Represents the package size **1206**. * **R015**: The resistance value. "R" acts as the decimal point ($0.015$ Ohms). * **T**: Packaging style, usually meaning **Tape and Reel**. * **R**: Compliance code, often signifying **RoHS Compliant**. * **F**: The tolerance code for **±1%**. --- ### 3. Applications and Usage This part is used in circuits where monitoring the "load" or "current" is necessary. Common applications include: 1. **Battery Management Systems (BMS):** Monitoring charging and discharging currents in Lithium-ion packs. 2. **DC-DC Converters:** Providing feedback to the controller to regulate power output. 3. **Motor Controllers:** Sensing current to prevent over-current conditions or stall damage. 4. **Power Supplies:** Implementing "Short Circuit Protection" by detecting high voltage drops across the resistor. --- ### 4. Implementation Example In a typical circuit, the resistor is placed in series with the load. The voltage ($V$) across the resistor is measured using an Operational Amplifier. ```python # Calculating Current (I) based on Ohms Law: V = I * R # If the measured voltage drop is 30mV (0.03V): resistance = 0.015 # 15mOhm voltage_drop = 0.030 current = voltage_drop / resistance print(f"Current flowing: {current} Amperes") # Output: 2.0A ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current this resistor can handle based on its power rating?
    • ⤷ What are the alternatives to 1206 package sizes for higher power applications?
    • ⤷ How does temperature affect the accuracy of the R015 measurement?