công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • NCSS12-R012TRF

  • AI
    The **NCSS12-R012TRF** is a high-precision, surface-mount (SMD) current sensing resistor manufactured by NIC Components. It is specifically designed for power management circuits where low resistance and high accuracy are required. --- ### ## Technical Specifications The following table summarizes the key electrical and physical characteristics of the component: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Resistance Value** | 0.012 $\Omega$ (12m$\Omega$) | Very low resistance for minimal power loss. | | **Case Size** | 2512 (Inch) | Large footprint for better heat dissipation. | | **Power Rating** | 1.0 Watt | The maximum power the resistor can handle at $70^\circ C$. | | **Tolerance** | ±1% (F) | High precision for accurate current measurement. | | **TCR** | ±100 ppm/°C | Low Temperature Coefficient of Resistance. | | **Operating Temp** | -55°C to +155°C | Suitable for industrial and automotive environments. | | **Material** | Metal Foil / Thick Film | Designed for high reliability. | --- ### ## Key Electronic Functions #### 1. Current Sensing (Shunt Resistor) The primary role of this part is to act as a **shunt**. According to Ohm’s Law ($V = I \times R$), as current flows through this $0.012\Omega$ resistor, it creates a small voltage drop. A monitoring IC (like a Current Sense Amplifier) measures this voltage to determine the exact amount of current flowing through the circuit. #### 2. Heat Dissipation Because current sensing involves passing the full load through the resistor, heat is generated ($P = I^2 \times R$). The **2512 package size** is physically larger than standard resistors, providing a larger surface area to dissipate thermal energy into the PCB. #### 3. Low Inductance The "NCSS" series is designed to have low self-inductance. This is critical in high-frequency switching power supplies to prevent signal distortion and voltage spikes during rapid current changes. --- ### ## Common Applications * **Battery Management Systems (BMS):** Monitoring charge and discharge rates in Li-ion packs. * **DC-DC Converters:** Providing feedback loops for current-mode control. * **Motor Control:** Detecting over-current conditions to protect the motor driver. * **Power Supplies:** Implementing short-circuit protection. --- ### ## Part Number Breakdown * **NCSS**: Series name (Current Sensing Surface Mount). * **12**: Size code (refers to the 2512 package). * **R012**: Resistance value ($0.012\Omega$). * **T**: Tape and Reel packaging. * **RF**: RoHS Compliant / Halogen Free.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its 1W power rating?
    • ⤷ How does the 12mOhm resistance affect the voltage drop in a 5A circuit?
    • ⤷ Are there alternative package sizes available for the NCSS series?