công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • NCSS12-R004TRF

  • AI
    The **NCSS12-R004TRF** is a specialized surface-mount (SMD) electronic component, specifically a **Current Sense Resistor**. It is designed to measure current flow by creating a small voltage drop across its terminals with high precision and low resistance. --- ## 1. Technical Specifications The part number follows a specific nomenclature. Here is the breakdown of its core parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | Current Sense Resistor (Metal Strip/Foil) | | **Package Size** | 2512 (6.30mm x 3.20mm) | | **Resistance Value** | 0.004 $\Omega$ (4 m$\Omega$) | | **Power Rating** | 1 Watt (Standard for 2512 size) | | **Tolerance** | $\pm$ 1% (Commonly indicated by 'F') | | **Temperature Coefficient (TCR)** | Typically $\pm$ 50ppm/°C to $\pm$ 100ppm/°C | | **Operating Temperature** | -55°C to +155°C | --- ## 2. Key Features * **Low Resistance (4m$\Omega$):** Minimizes power loss ($P = I^2R$) and heat generation within the circuit while allowing for high current measurement. * **Metal Strip Construction:** Unlike standard thick-film resistors, these use a solid metal alloy. This provides superior stability, lower noise, and better heat dissipation. * **High Power Dissipation:** The 2512 footprint allows the resistor to handle significant wattage without burning out. * **RoHS Compliant:** The "F" at the end typically denotes Lead-Free/RoHS compliance. --- ## 3. Applications The NCSS12-R004TRF is commonly used in power management circuits where monitoring current is critical: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. 2. **DC-DC Converters:** Providing feedback for current-mode control loops. 3. **Motor Controllers:** Sensing over-current conditions to protect the motor and driver. 4. **Power Supplies:** Implementing short-circuit protection and load monitoring. --- ## 4. Typical Circuit Integration In a typical application, this resistor is placed in series with the load. A **Current Sense Amplifier** (or an ADC) measures the voltage drop ($V_{sense}$) across the resistor. ```python # Ohms Law Calculation Example # If 10 Amps flow through the NCSS12-R004TRF: resistance = 0.004 # 4 mOhms current = 10.0 # 10 Amps voltage_drop = current * resistance # Result: 0.04 Volts (40mV) power_dissipated = (current**2) * resistance # Result: 0.4 Watts (Well within the 1W rating) ```
    ✨ Follow-up Questions
    • ⤷What are the soldering layout recommendations for 2512 current sense resistors?
    • ⤷ How does TCR affect the accuracy of the NCSS12-R004TRF at high temperatures?
    • ⤷ Can this resistor handle pulse currents higher than its 1W rating?