công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • NCSS10-R020TRF

  • AI
    ## NCSS10-R020TRF: Electronic Component Analysis The **NCSS10-R020TRF** is a high-precision, low-resistance current sensing chip resistor. It is designed for monitoring current flow in electronic circuits by providing a measurable voltage drop according to Ohm's Law ($V = I \times R$). --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its core specifications: | Segment | Description | Meaning | | :--- | :--- | :--- | | **NCSS** | Series Code | Metal Foil Low Ohm Chip Resistor | | **10** | Case Size | 1206 (3.2mm x 1.6mm) | | **R020** | Resistance Value | 0.020 Ohms ($20m\Omega$) | | **T** | Tolerance | $\pm 1\%$ (Standard for precision sensing) | | **RF** | Packaging/Finish | RoHS Compliant / Tape & Reel | --- ### 2. Technical Specifications These parameters define the electrical limits and physical properties of the component: * **Resistance:** 20 milliohms ($0.02 \Omega$) * **Power Rating:** Typically 0.5W to 1W (depending on the specific manufacturer's thermal rating for the 1206 size). * **Temperature Coefficient (TCR):** Usually low (e.g., $\pm 100ppm/^\circ C$), ensuring stability across temperature changes. * **Construction:** Metal foil on ceramic substrate. Metal foil provides better heat dissipation and higher reliability than thick-film alternatives. * **Operating Temperature Range:** $-55^\circ C$ to $+155^\circ C$. --- ### 3. Functional Applications The NCSS10-R020TRF is primarily used in **Current Sensing** applications where accuracy and low power loss are critical. * **Power Management:** Used in DC-DC converters to monitor output current. * **Battery Protection:** Integrated into BMS (Battery Management Systems) for over-current detection in laptops or smartphones. * **Motor Control:** Sensing current to regulate torque and speed in small brushless motors. * **LED Drivers:** Ensuring a constant current is supplied to high-power LEDs. --- ### 4. Typical Application Circuit In a standard configuration, the resistor is placed in series with the load. The voltage across the resistor ($V_{sense}$) is measured by a Current Sense Amplifier or a Microcontroller ADC. ```c // Example Calculation: // If the measured voltage drop (Vsense) is 10mV: // Current (I) = V / R // I = 0.010V / 0.020 Ohms // I = 0.5 Amps (500mA) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power rating limitations for the 1206 package in this series?
    • ⤷ How does metal foil technology compare to thick-film resistors for current sensing?
    • ⤷ Can this resistor be used in high-frequency switching power supplies?