công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • NC-R-

  • AI
    The term **NC-R** in electronics typically refers to two distinct contexts: **Relay contacts (Normally Closed - Reset)** or a specific series of **Precision Resistor networks**. Below is a detailed breakdown of the electronic components and principles associated with NC and R terminology. --- ## 1. Relays: NC (Normally Closed) and R (Reset) In electromagnetic components like relays or contactors, these abbreviations define the state and function of the pins. | Part Code | Term | Description | | :--- | :--- | :--- | | **NC** | **Normally Closed** | A contact that remains closed (conducts electricity) when the device is in its de-energized or "rest" state. | | **R** | **Reset** | In latching relays, this refers to the "Reset Coil." Applying a pulse to this terminal switches the relay back to its original state. | ### Functionality Table | State | NC Contact Condition | Circuit Status | | :--- | :--- | :--- | | Idle (No Power) | Closed | Current Flows | | Activated (Power) | Open | Circuit Broken | | Reset Pulse | Returns to Closed | Circuit Restored | --- ## 2. Resistor Networks (NC-R Series) In circuit board design, "NC" can also stand for **Network Chip** or **Non-Conductor**, while "R" stands for **Resistor**. NC-R often refers to Resistor Networks or specific high-precision resistors used in automotive or industrial sensing. ### Key Characteristics * **Tolerance:** Often high precision (±0.1% to ±1%). * **Material:** Usually Thin Film or Thick Film on a ceramic substrate. * **Package:** Often found in SMD (Surface Mount Device) formats like 0603 or 0805. --- ## 3. Circuit Symbol and Implementation In a schematic, an NC contact is represented by a line touching the circuit path, while the Reset (R) is part of the coil logic. ```mermaid graph LR A[Power Input] --- B{Relay Coil} B --- C[Reset Pin - R] A --- D[NC Contact] D --- E[Output Device] ``` ### Usage Examples: 1. **Safety Interlocks:** Using NC contacts ensures that if a wire breaks, the system fails into a "Safe" mode. 2. **Logic Gates:** Implementing NOT gates using mechanical NC switches. 3. **Memory Circuits:** Latching relays use the Reset (R) pin to clear a stored state without constant power consumption. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a Latching Relay and a Non-Latching Relay?
    • ⤷ How do I identify the NC pin on a physical 5-pin relay using a multimeter?
    • ⤷ In what scenarios would you use a Normally Closed circuit instead of a Normally Open one?