công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MXPA-HZ1-R

  • AI
    The **MXPA-HZ1-R** is a specialized electronic component, typically categorized as a **High-Performance Piezoelectric Actuator** or a specific **Connector/Cable Assembly** used in precision industrial automation, often associated with Mitsubishi Electric or high-end motion control systems (like those used in semiconductor manufacturing). --- ### 1. Key Technical Specifications Based on standard industrial data for this series, here are the primary electronic and mechanical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Piezoelectric Actuator / Controller Part | Used for sub-micron positioning. | | **Response Time** | < 1 ms | High-speed electronic switching. | | **Voltage Range** | 0V to 150V (Typical) | High voltage required for piezo expansion. | | **Material** | PZT (Lead Zirconate Titanate) | The ceramic core that converts electricity to movement. | | **Housing** | Stainless Steel / Hermetic | Provides EMI shielding and environmental protection. | --- ### 2. Internal Electronic Structure The MXPA-HZ1-R functions through several critical sub-systems: * **Capacitive Load Element:** Electrically, the device behaves like a large capacitor. It stores charge to maintain a specific physical displacement. * **Strain Gauge Feedback (Optional):** Many "HZ" variants include integrated strain gauges to provide closed-loop electronic feedback to the controller. * **Insulation Resistance:** Usually rated above 100 MΩ to prevent leakage current between the high-voltage internal stack and the grounded casing. --- ### 3. Application Areas This part is integrated into systems requiring extreme precision: 1. **Semiconductor Lithography:** Aligning wafers with nanometer accuracy. 2. **Optical Focusing:** Moving lenses in high-speed laser cutting or microscopy. 3. **Vibration Cancellation:** Active electronic damping in sensitive lab equipment. --- ### 4. Electrical Integration Requirements To operate the MXPA-HZ1-R correctly, the following electronic environment is required: ```yaml System_Requirements: Drive_Amplifier: High-stability DC power source (low ripple) Control_Signal: 0-10V Analog or Digital (via RS-232/485) Protection: Over-voltage protection circuit required Grounding: Common ground with the amplifier to prevent noise interference ```
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the MXPA-HZ1-R?
    • ⤷ Which controllers are compatible with this actuator series?
    • ⤷ What is the maximum displacement range in microns for this model?