MXPA-BZ1-R
AI

Based on the part number provided, the **MXPA-BZ1-R** refers to a specific series of tactile switch components, commonly manufactured by electronic component specialists (often associated with automotive and industrial HMI interfaces).
Below is a detailed breakdown of its electronic characteristics and specifications.
### 1. Component Overview
The MXPA series typically represents **Low-Profile Tactile Switches**. These are momentary push-button switches designed to provide physical feedback (a "click") to the user while completing an electronic circuit.
---
### 2. Technical Specifications
Typical technical parameters for the BZ1-R variant:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Actuation Force** | 1.6N to 2.5N (Standard Force) |
| **Contact Arrangement** | SPST-NO (Single Pole Single Throw - Normally Open) |
| **Termination Style** | Gull-wing or J-bend leads |
| **Operating Life** | 100,000 to 500,000 cycles |
| **Voltage Rating** | 12V DC to 15V DC |
| **Current Rating** | 50mA |
---
### 3. Key Electronic Parts & Construction
The internal assembly of the MXPA-BZ1-R consists of several critical layers:
* **Actuator (Stem):** The physical button pressed by the user. In the "R" variant, this is often a rubberized or soft-actuator type to reduce acoustic noise.
* **Metal Dome:** This is the heart of the switch. It acts as both the spring (providing tactile feedback) and the movable contact that bridges the circuit.
* **Base (Housing):** High-temperature thermoplastic designed to withstand reflow soldering temperatures.
* **Terminals:** Silver or gold-plated copper alloy for high conductivity and oxidation resistance.
---
### 4. Common Applications
Due to its low profile and reliability, this part is frequently found in:
1. **Automotive Interiors:** Steering wheel controls, climate control panels, and infotainment buttons.
2. **Consumer Electronics:** Wearables and slim handheld devices.
3. **Industrial Controls:** Membrane keypad interfaces.
---
### 5. Part Number Suffix Breakdown
* **MXPA:** Series designation (Tactile Switch).
* **BZ:** Usually denotes the height and physical dimensions of the actuator.
* **1:** Actuation force identifier (1.6N is common for '1').
* **-R:** Indicates **Tape & Reel** packaging for automated pick-and-place assembly machines.
- ⤷What is the exact physical height (mm) of the MXPA-BZ1-R actuator?
- ⤷ What is the recommended reflow soldering temperature profile for this switch?
- ⤷ How does the 'R' suffix impact the mechanical durability compared to other variants?