MXPA-BV2-R/Q
AI

The **MXPA-BV2-R/Q** is a specific part number typically associated with **pneumatic solenoid valve manifolds** or specialized interface modules, often manufactured by companies like **SMC** or **Festo** (specifically related to the EX series or similar modular valve platforms).
Below is a breakdown of the electronic and structural components typically found in this series.
### 1. Component Overview
The device serves as an interface between an industrial PLC (Programmable Logic Controller) and pneumatic actuators. It converts electrical signals into mechanical movement to control air flow.
| Component | Description | Function |
| :--- | :--- | :--- |
| **Solenoid Coil** | Copper windings with insulation | Converts electrical energy into a magnetic field to move the valve spool. |
| **Internal PCB** | Printed Circuit Board | Routes signals from the multi-pin connector to individual solenoid stations. |
| **LED Indicators** | Light Emitting Diodes | Provides visual feedback on the power status and activation of specific valves. |
| **Surge Suppressor** | Varistor or Diode | Protects the control electronics from "flyback voltage" spikes when the coil de-energizes. |
| **Connector Interface** | Multi-pin (D-Sub) or Fieldbus | Receives the control signals from the master controller. |
---
### 2. Technical Specifications
The "BV" designation usually refers to the voltage and wiring configuration.
* **Rated Voltage:** Typically **24V DC**, which is the industrial standard for control systems.
* **Power Consumption:** Usually low wattage (approx. **0.1W to 0.4W**) to allow for high-density mounting without overheating.
* **Response Time:** Electronic switching allows for rapid actuation (often < 20ms).
* **Polarity:** The "R/Q" suffix often denotes the common polarity (e.g., **COM+** for NPN sourcing or **COM-** for PNP sinking).
---
### 3. Electronic Safety Features
To ensure long-term reliability in industrial environments, these parts include:
1. **Reverse Polarity Protection:** Prevents damage if the 24V DC wires are accidentally swapped.
2. **IP Rating:** The electronic housing is usually rated **IP65 or IP67**, protecting the circuitry from dust and water splashes.
3. **Opto-coupling (Optional):** Some versions use optical isolation to prevent electrical noise from the valves from traveling back to the PLC.
---
### 4. Typical Wiring Layout
| Pin Number | Signal Type | Wire Color (Typical) |
| :--- | :--- | :--- |
| 1 | Station 1 (+) | Red |
| 2 | Station 2 (+) | Blue |
| ... | ... | ... |
| 25 | Common (-) | Black/White |
---
- ⤷
What is the exact pinout configuration for the R/Q common polarity?
- ⤷ How do I troubleshoot a flashing LED on this specific valve manifold?
- ⤷ Are there specific replacement coils available for the MXPA series?