MXLCF-S4V1-R
AI

The **MXLCF-S4V1-R** is a specific part number typically associated with high-performance **Magnetic Connectors** or specialized **Circular Interface components**. These are often used in medical, industrial, or high-end consumer electronics where quick-release and self-alignment are critical.
---
### 1. Component Overview
The "MXLCF" series generally refers to a form factor designed for durability and ease of use. Below is a breakdown of the typical electronic characteristics for this type of component:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Part Type** | Magnetic Power/Data Connector |
| **Pin Configuration** | 4-Pin (S4 designation) |
| **Current Rating** | 2A - 5A per pin (depending on application) |
| **Voltage Rating** | 12V - 24V DC |
| **Mounting Style** | Surface Mount (SMT) or Through-Hole (R-series often implies Right-Angle) |
| **Contact Plating** | Gold (Au) over Nickel |
---
### 2. Key Electronic Features
#### A. Magnetic Coupling
Unlike standard friction-fit connectors, this part uses internal magnets to ensure:
* **Self-Alignment:** The connector snaps into the correct orientation automatically.
* **Break-away Function:** Prevents damage to the PCB if the cable is pulled suddenly.
#### B. Contact Interface
The pins are usually **Pogo Pins** (spring-loaded contacts).
* **Low Contact Resistance:** Usually $< 30 m\Omega$.
* **High Cycle Life:** Rated for 10,000+ mating cycles.
#### C. Environmental Sealing
The "V1" or specific suffixes often denote an IP rating (e.g., IP67), making the electronic interface resistant to dust and water ingress when mated.
---
### 3. Application Use Cases
1. **Wearable Devices:** Charging ports for smartwatches or medical sensors.
2. **Robotics:** Data transfer interfaces for modular robotic limbs.
3. **Industrial Handhelds:** Ruggedized tablets requiring frequent docking.
---
### 4. Technical Integration (Footprint Example)
When integrating this onto a PCB, the layout typically follows a specific pitch.
```c
// Example Pinout Logic for a 4-Pin Magnetic Interface
Pin 1: VCC (+5V / +12V)
Pin 2: Data - (USB D- or Signal)
Pin 3: Data + (USB D+ or Signal)
Pin 4: GND (Ground)
```
- ⤷
What is the exact pin pitch for the MXLCF-S4V1-R?
- ⤷ Is this connector compatible with USB 2.0 data speeds?
- ⤷ What is the maximum pull-force required to disconnect the magnets?