MXLCF-S3V1-R
AI

The **MXLCF-S3V1-R** is a specific surface-mount electronic component, typically categorized as a **Polymer ESD (Electrostatic Discharge) Suppressor**. These devices are designed to protect high-speed data lines from voltage transients while maintaining signal integrity.
---
## 1. Technical Specifications
Below are the typical electrical and physical parameters for this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Polymer ESD Suppressor |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Package Size** | 0603 (1608 Metric) |
| **Trigger Voltage** | ~150V - 300V |
| **Clamping Voltage** | ~35V - 60V |
| **Capacitance** | Very Low (< 0.05 pF) |
| **Operating Temperature** | -55°C to +125°C |
---
## 2. Key Features
* **Ultra-Low Capacitance:** Because the capacitance is extremely low (often less than 0.1pF), it does not distort high-frequency signals, making it ideal for high-speed protocols.
* **Fast Response Time:** Reacts to ESD strikes in less than 1 nanosecond.
* **Bi-directional Protection:** Provides protection for both positive and negative ESD pulses.
* **RoHS Compliant:** The "R" suffix usually denotes compliance with lead-free/RoHS environmental standards.
---
## 3. Common Applications
Due to its low parasitic effects, the MXLCF-S3V1-R is used in circuits where traditional TVS diodes might cause signal degradation:
1. **High-Speed Data Ports:** USB 3.0/3.1, HDMI 2.0, and DisplayPort.
2. **RF Antennas:** Protecting sensitive RF front-ends without detuning the antenna.
3. **Network Hardware:** Gbit Ethernet ports.
4. **Consumer Electronics:** Smartphones, tablets, and high-end laptops.
---
## 4. Comparison: Polymer vs. TVS Diode
| Feature | Polymer Suppressor (MXLCF) | TVS Diode |
| :--- | :--- | :--- |
| **Capacitance** | Ultra-Low (Best for RF) | Low to High |
| **Leakage Current** | Very Low | Low |
| **Durability** | Limited strikes | High durability |
| **Clamping Voltage** | Higher | Lower (Better protection) |
---
- ⤷
What are the specific soldering profile requirements for this 0603 package?
- ⤷ How does the ultra-low capacitance benefit HDMI 2.0 signals specifically?
- ⤷ Can this part be used as a direct replacement for a TVS diode in power supply rails?