MXLC-S1V2-R
AI

The **MXLC-S1V2-R** refers to a specific series of industrial-grade connectors, typically part of the **M12** family. These are widely used in automation, sensor integration, and industrial networking.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
## 1. Technical Overview
The MXLC-S1V2-R is generally categorized as an **M12 Circular Connector**. The "S1" and "V2" designations usually refer to the specific pin configuration (S-Coding) and the versioning of the housing or shielding.
### Electrical Characteristics
| Parameter | Typical Value |
| :--- | :--- |
| **Rated Voltage** | 630V AC / 600V DC |
| **Rated Current** | 12A per contact |
| **Contact Resistance** | ≤ 5 mΩ |
| **Insulation Resistance** | ≥ 100 MΩ |
| **Coding Type** | S-Coding (Power Application) |
---
## 2. Component Materials
The reliability of this part comes from its high-grade industrial materials designed to withstand harsh environments:
* **Contacts:** Copper alloy with Gold (Au) plating over Nickel. This ensures high conductivity and prevents oxidation.
* **Insulator:** PA66 or PBT (UL 94-V0 rated), which is flame retardant and provides high dielectric strength.
* **Coupling Nut:** Nickel-plated brass or Stainless steel for mechanical durability.
* **O-Ring/Seal:** FKM (Viton) or NBR, providing protection against oils and chemicals.
---
## 3. Key Electronic Features
### A. Power Transmission (S-Coding)
Unlike standard A-coded M12 connectors used for data, the **S-Coding** in this part is specifically designed for **AC Power**. It provides a compact alternative to bulky power connectors for motors and frequency inverters.
### B. Shielding (R - Designation)
The "R" suffix often indicates **EMI/RFI Shielding** or a **Right-Angle** orientation depending on the specific manufacturer's catalog (typically referring to 360° shielding).
* Prevents electromagnetic interference in sensitive signal environments.
* Ensures signal integrity when mounted near high-voltage equipment.
### C. Environmental Protection
* **IP Rating:** Typically **IP67 or IP68**.
* It is dust-tight and can withstand immersion in water, making it suitable for "wash-down" environments in food and beverage or automotive manufacturing.
---
## 4. Pin Configuration Diagram (Typical S-Code)
| Pin Number | Function |
| :--- | :--- |
| 1 | L1 (Phase 1) |
| 2 | L2 (Phase 2) |
| 3 | L3 (Phase 3) |
| PE | Protective Earth (Ground) |
---
## 5. Typical Applications
* **AC Motors:** Connecting small three-phase motors.
* **Power Supplies:** Distributing power to remote I/O modules.
* **Industrial Lighting:** Powering LED arrays in factory floors.
* **Frequency Converters:** Linkage between controllers and drive units.
- ⤷
What is the maximum operating temperature for the MXLC-S1V2-R?
- ⤷ How does S-coding differ from T-coding in M12 connectors?
- ⤷ Is there a specific torque requirement for securing the coupling nut?