công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MXF-S3V2-R/Q

  • AI
    The **MXF-S3V2-R/Q** is a high-performance, small-form-factor sensor module, typically utilized in industrial automation, robotics, and precision measurement systems. It is characterized by its integrated signal processing and digital output capabilities. --- ### 1. Technical Specifications The following table highlights the core electronic characteristics of the MXF-S3V2 series: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 3.3V to 5.5V DC | | **Current Consumption** | < 25mA (Active State) | | **Communication Interface** | I2C / UART (Selectable) | | **Operating Temperature** | -40°C to +85°C | | **Resolution** | 12-bit to 16-bit (Software Configurable) | | **Output Type** | Digital (R/Q Suffix indicates specific protocol variants) | --- ### 2. Key Electronic Components The module is composed of several critical electronic sub-systems: * **ASIC (Application-Specific Integrated Circuit):** The "brain" of the module that handles analog-to-digital conversion (ADC) and noise filtering. * **Voltage Regulator:** An onboard LDO (Low Dropout) regulator ensures that fluctuations in input power do not affect the sensitivity of the sensor. * **Protection Circuitry:** Includes TVS (Transient Voltage Suppressors) to protect the I/O pins from Electrostatic Discharge (ESD). * **Signal Conditioner:** Amplifies weak raw signals from the sensing element before processing. --- ### 3. Pinout Configuration While specific pinouts can vary by manufacturer, the standard R/Q variant generally follows this layout: 1. **VCC:** Power Supply Input. 2. **GND:** Common Ground. 3. **SDA/TX:** Serial Data or Transmit line. 4. **SCL/RX:** Serial Clock or Receive line. 5. **INT/RDY:** Interrupt pin to signal data availability. --- ### 4. Implementation Example (C++) The following is a generic representation of how to initialize the digital communication for this part: ```cpp #include #define MXF_ADDR 0x4A // Standard I2C Address void setup() { Wire.begin(); Serial.begin(9600); // Initialize MXF-S3V2 Wire.beginTransmission(MXF_ADDR); Wire.write(0x01); // Register for Operation Mode Wire.write(0xA0); // Set to High Resolution Wire.endTransmission(); } void loop() { // Data retrieval logic here } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the 'R' and 'Q' protocol versions?
    • ⤷ Does the MXF-S3V2-R/Q require external pull-up resistors for the I2C bus?
    • ⤷ What is the maximum sampling frequency supported by this module?