MXF-S2V1-R
AI

The **MXF-S2V1-R** is a specific electronic component typically identified as a **Micro-Coaxial Connector** or a specialized high-speed interface cable assembly. These parts are frequently used in precision electronics where space is limited and signal integrity is critical, such as in medical imaging (ultrasound probes), micro-displays, or high-end laptop hinges.
Below is a detailed breakdown of the electronic and mechanical characteristics of this part.
---
### 1. General Specifications
| Property | Typical Description |
| :--- | :--- |
| **Component Type** | Micro-Coaxial Connector / Cable Assembly |
| **Pitch** | Usually 0.4mm or 0.5mm |
| **Connection Style** | SMT (Surface Mount Technology) or Cable-to-Board |
| **Termination** | Solder or IDT (Insulation Displacement Termination) |
| **RoHS Compliance** | Yes (indicated by the "-R" suffix) |
### 2. Electronic Characteristics
The "Electronic Parts" within this assembly focus on maintaining signal purity across a very small physical footprint.
* **Impedance Matching:** Designed for 50 Ohm or 100 Ohm differential impedance to support high-speed data protocols like LVDS (Low-Voltage Differential Signaling) or eDP (Embedded DisplayPort).
* **EMI/EMC Shielding:** The part features a metallic shell (often tin or gold-plated) that acts as a Faraday cage. This prevents electromagnetic interference from leaking out or affecting the signal from external noise.
* **Contact Resistance:** Engineered for low milliohm resistance (typically < 40mΩ) to ensure minimal signal attenuation and heat generation.
* **Voltage/Current Rating:** Usually rated for low voltage (approx. 50V AC/DC) and low current (around 0.2A to 0.5A per pin), as it is a signal connector, not a power connector.
### 3. Key Components and Materials
The MXF series typically utilizes high-performance materials to ensure longevity and electrical stability:
1. **Insulator:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) capable of withstanding lead-free reflow soldering temperatures.
2. **Contacts:** Copper alloy base for conductivity, usually plated with **Gold over Nickel** to prevent corrosion and maintain a reliable electrical path.
3. **Shell/Shield:** Stainless steel or Phosphor bronze with Tin or Gold plating for grounding and structural integrity.
### 4. Typical Applications
* **Medical Equipment:** High-resolution ultrasound probes where multiple coaxial lines must be bundled into a small diameter.
* **Mobile Devices:** Connecting high-resolution LCD/OLED screens to the main PCB.
* **Drones/Robotics:** Gimbal camera connections requiring high-speed video transmission through a flexible rotating joint.
---
- ⤷What is the maximum data transfer rate supported by the MXF-S2V1-R?
- ⤷ Is this connector compatible with standard automated SMT assembly lines?
- ⤷ What are the specific soldering temperature requirements for the MXF series?